Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

196DLC Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 196DLC
Description  Energy Storage Double Layer Capacitors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

196DLC Datasheet(HTML) 3 Page - Vishay Siliconix

  196DLC Datasheet HTML 1Page - Vishay Siliconix 196DLC Datasheet HTML 2Page - Vishay Siliconix 196DLC Datasheet HTML 3Page - Vishay Siliconix 196DLC Datasheet HTML 4Page - Vishay Siliconix 196DLC Datasheet HTML 5Page - Vishay Siliconix 196DLC Datasheet HTML 6Page - Vishay Siliconix 196DLC Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
196 DLC
www.vishay.com
Vishay BCcomponents
Revision: 18-Jul-16
3
Document Number: 28362
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Unless otherwise specified, all electrical values in Table 1 apply
at Tamb = 20 °C, P = 86 kPa to 106 kPa and RH = 45 % to 75 %.
ORDERING EXAMPLE
Double layer capacitor 196 series
1.0 F / 5.5 V
Nominal case size: Ø 21 mm x 7.5 mm; Form A
Ordering code: MAL2 19612105E3
Former 12 NC: 2222 19612105
Table 1
ELECTRICAL DATA
SYMBOL
DESCRIPTION
CR
Rated capacitance, tolerance -20 % / +80 %,
measured by constant current discharge method
UCT
Upper category temperature
IL
Max. leakage current after 30 min at UR
RI
Max. internal resistance at 1 kHz
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
(μF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
CASE
CODE
FORM
UCT
(°C)
IL
30 min
(μA)
RI
1 kHz
(
)
ORDERING CODE
STANDARD SERIES
5.5
47 000
13 x 7
2
A
70
69
120
MAL219612473E3
100 000
13 x 7
2
A
70
100
75
MAL219612104E3
220 000
13 x 7
2
A
70
135
75
MAL219612224E3
330 000
13 x 7
2
A
70
182
75
MAL219612334E3
470 000
21 x 7.5
4
A
70
216
30
MAL219612474E3
1 000 000
21 x 7.5
4
A
70
315
30
MAL219612105E3
HIGH TEMPERATURE SERIES
5.5
47 000
13 x 9
3
A
85
69
300
MAL219622473E3
100 000
13 x 9
3
A
85
100
200
MAL219622104E3
470 000
21 x 9
5
A
85
216
50
MAL219622474E3
680 000
21 x 9
5
A
85
260
50
MAL219622684E3
VERTICAL, MINIATURIZED SERIES
5.5
47 000
11.5 x 13
1
B
70
69
120
MAL219632473E3
100 000
11.5 x 13
1
B
70
100
75
MAL219632104E3
220 000
11.5 x 13
1
B
70
135
75
MAL219632224E3
330 000
11.5 x 13
1
B
70
182
75
MAL219632334E3
HIGH VOLTAGE SERIES
6.3
47 000
13 x 9
3
A
70
69
300
MAL219613473E3
100 000
13 x 9
3
A
70
100
200
MAL219613104E3
470 000
21 x 9
5
A
70
216
50
MAL219613474E3
680 000
21 x 9
5
A
70
260
50
MAL219613684E3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com