Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

110PHT-ST Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 110PHT-ST
Description  Aluminum Electrolytic Capacitors, Power High Ripple for Traction, Screw Terminals
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

110PHT-ST Datasheet(HTML) 5 Page - Vishay Siliconix

  110PHT-ST Datasheet HTML 1Page - Vishay Siliconix 110PHT-ST Datasheet HTML 2Page - Vishay Siliconix 110PHT-ST Datasheet HTML 3Page - Vishay Siliconix 110PHT-ST Datasheet HTML 4Page - Vishay Siliconix 110PHT-ST Datasheet HTML 5Page - Vishay Siliconix 110PHT-ST Datasheet HTML 6Page - Vishay Siliconix 110PHT-ST Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
110 PHT-ST
www.vishay.com
Vishay BCcomponents
Revision: 06-Sep-17
5
Document Number: 28411
For technical questions, contact: aluminumcaps2@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Table 3
Note
• Multiplier of useful life code: CCC205-05
Fig. 3 - Multiplier of useful life as a function of ambient temperature and ripple current load
Table 4
ENDURANCE TEST DURATION AND USEFUL LIFE
ENDURANCE
AT 85 °C
(h)
USEFUL LIFE
AT 85 °C
(h)
2000
> 10 000
MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF FREQUENCY
FREQUENCY (Hz)
50
100
200
400
1000
10 000
IR MULTIPLIER
0.90
1.00
1.20
1.30
1.40
1.50
2.6
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.5
0.0
40
50
60
70
80
90
100
T
amb (°C)
(1)
I
A
I
R
lifetime multiplier
I
A = Actual ripple current at 100 Hz
I
R = Rated ripple current at 100 Hz and 85 °C
(1) Useful life at 85 °C and I
R applied: 10 000 h
CCC205-05



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com