Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

110PHT-ST Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 110PHT-ST
Description  Aluminum Electrolytic Capacitors, Power High Ripple for Traction, Screw Terminals
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

110PHT-ST Datasheet(HTML) 1 Page - Vishay Siliconix

  110PHT-ST Datasheet HTML 1Page - Vishay Siliconix 110PHT-ST Datasheet HTML 2Page - Vishay Siliconix 110PHT-ST Datasheet HTML 3Page - Vishay Siliconix 110PHT-ST Datasheet HTML 4Page - Vishay Siliconix 110PHT-ST Datasheet HTML 5Page - Vishay Siliconix 110PHT-ST Datasheet HTML 6Page - Vishay Siliconix 110PHT-ST Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
110 PHT-ST
www.vishay.com
Vishay BCcomponents
Revision: 06-Sep-17
1
Document Number: 28411
For technical questions, contact: aluminumcaps2@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Aluminum Electrolytic Capacitors,
Power High Ripple for Traction, Screw Terminals
Note
(1) Other values available on request
FEATURES
• Long useful life: > 10 000 h at +85 °C
• Available in case sizes up to Ø 90 mm x 220 mm
•Low ESR
• Polarized aluminum electrolytic capacitors,
non-solid electrolyte
• Large types, cylindrical aluminum case, insulated with a
blue sleeve
• Pressure relief in the sealing
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Traction (metro / subway, light rail, streetcars / tram)
• Heavy duty applications
• Various industrial applications
MARKING
The capacitors are marked with the following information:
• Rated capacitance (in μF)
• Tolerance on rated capacitance, code letter in accordance
with IEC 60062 (Q for -10 % / +30 %)
• Rated voltage (in V)
• Date code (YYMM or in 2 digits according to IEC 60062)
• Name of manufacturer
• Code for factory of origin
• “-” sign to identify the negative terminal, visible from the
top and side of the capacitor
• Code number
• Climatic category in accordance with IEC 60068
Note
• Other values available on request
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Nominal case size (Ø D x L in mm)
76 x 146 to 76 x 220 (1)
Rated capacitance range
(E6 series), CR
6000 μF (1)
Tolerance on CR
-10 % / +30 %
Rated voltage range, UR
250 V to 450 V (1)
Category temperature range
-40 °C to +85 °C
Endurance test at 85 °C
2000 h
Useful life at 85 °C
> 10 000 h
Useful life at 70 °C
> 40 000 h
Useful life at 40 °C,
1.4 x IR applied
> 400 000 h
Shelf life at 0 V, 85 °C
500 h
Based on sectional specification
IEC 60384-4 / EN 130300
Climatic category IEC 60068
40 / 085 / 056
SELECTION CHART FOR CR, UR, AND RELEVANT NOMINAL CASE SIZES (Ø D x L in mm)
CR
(μF)
UR (V)
250
300
350
400
450
6000
76 x 146
76 x 220
76 x 220
76 x 220
76 x 220


Similar Part No. - 110PHT-ST

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
110PHT-ST VISHAY-110PHT-ST Datasheet
104Kb / 7P
Aluminum Electrolytic Capacitors, Power High Ripple for Traction, Screw Terminals
03-Jun-2022
110PHT-ST VISHAY-110PHT-ST_V01 Datasheet
104Kb / 7P
Aluminum Electrolytic Capacitors, Power High Ripple for Traction, Screw Terminals
03-Jun-2022
More results

Similar Description - 110PHT-ST

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
101PHR-ST VISHAY-101PHR-ST Datasheet
358Kb / 10P
Aluminum Capacitors Power High Ripple Current Screw Terminals
22-Dec-05
102PHR-ST VISHAY-102PHR-ST_08 Datasheet
129Kb / 11P
Aluminum Capacitors Power High Ripple Current Screw Terminals
31-Oct-08
101PHR-ST VISHAY-101PHR-ST_12 Datasheet
125Kb / 11P
Aluminum Capacitors, Power High Ripple Current, Screw Terminals
09-Mar-12
104-PHL-ST VISHAY-104-PHL-ST Datasheet
123Kb / 8P
Aluminum Electrolytic Capacitors Power High Ripple Current Long Life Screw Terminals
17-Oct-16
104PHL-ST VISHAY-104PHL-ST_17 Datasheet
127Kb / 8P
Aluminum Electrolytic Capacitors Power High Ripple Current Long Life Screw Terminals
06-Sep-17
101PHR-ST VISHAY-101PHR-ST_17 Datasheet
141Kb / 12P
Aluminum Electrolytic Capacitors, Power High Ripple Current, Screw Terminals
06-Sep-17
101PHRST VISHAY-101PHRST Datasheet
134Kb / 12P
Aluminum Electrolytic Capacitors, Power High Ripple Current, Screw Terminals
30-Jul-2020
104PHL-ST VISHAY-104PHL-ST_V01 Datasheet
106Kb / 8P
Aluminum Electrolytic Capacitors Power High Ripple Current Long Life Screw Terminals
03-Jun-2022
110PHT-ST VISHAY-110PHT-ST_V01 Datasheet
104Kb / 7P
Aluminum Electrolytic Capacitors, Power High Ripple for Traction, Screw Terminals
03-Jun-2022
101102PHR-ST VISHAY-101102PHR-ST Datasheet
145Kb / 12P
Aluminum Electrolytic Capacitors, Power High Ripple Current, Screw Terminals
21-Jul-2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com