Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS604WM Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # LS604WM
Description  600W 120V Wall-Mount Power Conditioner
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

LS604WM Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  LS604WM Datasheet HTML 1Page - Tripp Lite. All Rights Reserved LS604WM Datasheet HTML 2Page - Tripp Lite. All Rights Reserved LS604WM Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
600W 120V Wall-Mount Power Conditioner with
Automatic Voltage Regulation (AVR), AC Surge
Protection, 4 Outlets
MODEL NUMBER: LS604WM
Description
The LS604WM 600W 120V Power Conditioner adjusts under- and overvoltages to provide safe, computer-grade AC power that meets ANSI C84.1
specifications. Built-in automatic voltage regulation (AVR) corrects undervoltages as low as 87V and overvoltages as high as 140V back to regulated 120V
nominal power. Providing optimum voltage conditions not only extends the life of your equipment, but also keeps your equipment working through brownouts
and prolonged overvoltage conditions.
A network-grade 720-joule surge suppression rating conforms to the IEEE-587 standard for surge suppression and prevents spikes from inflicting damage, data
loss or corruption and audio/video performance problems on your connected equipment. EMI/RFI noise filtering protects your AC line from disruptive
electromagnetic and radio interference.
Just connect the NEMA 5-15P plug with 6-foot cord to an AC power source, and plug up to four devices into the rear NEMA 5-15R outlets. A front-panel LED
lets you know your equipment is protected. Secure the LS604WM’s all-metal case to a wall or other surface using the built-in mounting tabs and included
screws.
Features
Protects Valuable Electronics
Rated at 120V/600W/5A
Ideal for computers, routers, modems, printers, home theater components and point-of-sale equipment
Connect up to 4 electronic devices to the rear NEMA 5-15R outlets
All-metal case with mounting tabs attaches to wall or other surface using included screws
Automatic Voltage Regulation (AVR)
Monitors incoming AC power and keeps equipment working through brownouts and prolonged overvoltage conditions
Corrects undervoltages as low as 87V and overvoltages as high as 140V
Highlights
Ideal for computers, routers,
modems and home theater
components
Corrects under- and overvoltages
in 87V–140V range
Protects against spikes with 720
joules of surge suppression
Mounts to the wall using included
hardware
Features 4 NEMA 5-15R rear
outlets
Package Includes
LS604WM 600W 120V Power
Conditioner
Mounting hardware
Owner’s Manual
1 / 3


Similar Part No. - LS604WM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LS604WM ETC2-LS604WM Datasheet
516Kb / 3P
Line Conditioner - Automatic voltage regulation with surge protection
More results

Similar Description - LS604WM

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMBJ SECOS-SMBJ Datasheet
422Kb / 4P
600W Peak Power Surface Mount TVS
SMBJ SECOS-SMBJ_15 Datasheet
79Kb / 4P
600W Peak Power Surface Mount TVS
logo
Tripp Lite. All Rights ...
LR604 TRIPPLITE-LR604 Datasheet
487Kb / 3P
600W 230V AVR Line Conditioner, Power Conditioner
logo
List of Unclassifed Man...
R4B-600G1V2 ETC2-R4B-600G1V2 Datasheet
328Kb / 13P
600W600W Mini Redundant Power Supply
logo
Tripp Lite. All Rights ...
LC1200 TRIPPLITE-LC1200 Datasheet
500Kb / 3P
1200W 120V Line Conditioner
LC1800 TRIPPLITE-LC1800 Datasheet
499Kb / 3P
1800W 120V Power Conditioner
LC2400 TRIPPLITE-LC2400 Datasheet
493Kb / 3P
2400W 120V Power Conditioner
LCR2400 TRIPPLITE-LCR2400 Datasheet
423Kb / 3P
2400W 120V 3U Rack-Mount Power Conditioner
LS606M TRIPPLITE-LS606M Datasheet
444Kb / 3P
600W 120V Power Conditioner
SRCOOL2KWM TRIPPLITE-SRCOOL2KWM Datasheet
171Kb / 4P
SmartRack Wall-Mount Server Rack Cooling Unit - 2,000 BTU, 120V
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com