Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS604WM Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # LS604WM
Description  600W 120V Wall-Mount Power Conditioner
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

LS604WM Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  LS604WM Datasheet HTML 1Page - Tripp Lite. All Rights Reserved LS604WM Datasheet HTML 2Page - Tripp Lite. All Rights Reserved LS604WM Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AC Line Surge Suppression
720 joules of network-grade surge suppression protects against potentially harmful power surges and spikes
EMI/RFI Line Noise Filtering
Removes electromagnetic and radio frequency interference that can disrupt or damage your equipment’s performance
Built-In Diagnostics
Front-panel LED indicates your components are protected
Lighted on/off switch provides one-touch power control over all components
Specifications
OUTPUT
Nominal Output Voltage(s)
Supported
120V
Output Receptacles
(4) 5-15R
Output (VA)
600
Output (Watts)
600
INPUT
Input Cord Length (ft.)
6
Input Cord Length (m)
1.83
USER INTERFACE, ALERTS & CONTROLS
Front Panel LEDs
1 LED shows if surge suppression is intact
SURGE / NOISE SUPPRESSION
UPS AC Suppression Joule Rating
720
EMI / RFI AC Noise Suppression
20 dB
PHYSICAL
Shipping Weight (lbs.)
12.00
Shipping Weight (kg)
5.44
Unit Dimensions (hwd / in.)
4 x 5 x 5.75
Unit Dimensions (hwd / cm)
10.16 x 12.7 x 14.61
Material of Construction
Steel
Form Factors Supported
Short tower format with keyhole slots for wall-mount applications
WARRANTY
2 / 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com