Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL431 Datasheet(PDF) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # TL431
Description  Precision adjustable shunt regulator in a TO-92 Plastic Package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

TL431 Datasheet(HTML) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  TL431 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. TL431 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. TL431 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. TL431 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. TL431 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. TL431 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd. TL431 Datasheet HTML 7Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TL431
Rev.F Mar.-2016
DATA SHEET
http://www.fsbrec.com
1 / 7
TO-92 塑封封装精密可调基准电源。
Precision adjustable shunt regulator in a TO-92 Plastic Package.

精确参照电压 2.495V;允许电压误差为 0.5%,1%或 2%;阴极电流能力为 1.0mA~100mA;快速导通;可
调节输出电压为 VO=Vref~36V;阴极工作电流低(典型值:50μA);动态输出阻抗低(典型值:0.15Ω)。
Precise reference voltage to 2.495V;guaranteed 0.5%,1% or 2% reference voltage Tolerance; sink
current capability,1.0mA ~ 100mA;quick turn-on; adjustable Output voltage, VO=Vref ~ 36V;low
operational cathode current,50μA typical; 0.15Ω typical output impedance.
用于线性调整器,可调节电源和开关电源。
Linear regulators, adjustable power supply, switching power supply.
内部等效电路 / Equivalent Circuit
PIN1
:K
PIN 2
:A
PIN 3
:R
印章代码 / Marking
见印章说明。See Marking Instructions
描述 / Descriptions
特征 / Features
用途 / Applications
引脚排列 / Pinning
1
3
2


Similar Part No. - TL431

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TL431 MOTOROLA-TL431 Datasheet
258Kb / 16P
PROGRAMMABLE PRECISION REFERENCES
logo
ON Semiconductor
TL431 ONSEMI-TL431 Datasheet
173Kb / 18P
PROGRAMMABLE PRECISION REFERENCES
April, 2012 ??Rev. 34
logo
STMicroelectronics
TL431 STMICROELECTRONICS-TL431 Datasheet
152Kb / 10P
PROGRAMMABLE VOLTAGE REFERENCE
Mar-2002
logo
Texas Instruments
TL431 TI-TL431 Datasheet
795Kb / 41P
ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Fairchild Semiconductor
TL431 FAIRCHILD-TL431 Datasheet
87Kb / 10P
Programmable Shunt Regulator
More results

Similar Description - TL431

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
78L05 FOSHAN-78L05 Datasheet
794Kb / 6P
Voltage Regulator in a TO-92 Plastic Package
78L06 FOSHAN-78L06 Datasheet
794Kb / 6P
Voltage Regulator in a TO-92 Plastic Package
78L08 FOSHAN-78L08 Datasheet
908Kb / 6P
Voltage Regulator in a TO-92 Plastic Package
78L09 FOSHAN-78L09 Datasheet
976Kb / 6P
Voltage Regulator in a TO-92 Plastic Package
78L15 FOSHAN-78L15 Datasheet
805Kb / 6P
Voltage Regulator in a TO-92 Plastic Package
BR431 FOSHAN-BR431 Datasheet
910Kb / 7P
Precision adjustable shunt regulator in a TO-92 Plastic Package
BR431M FOSHAN-BR431M Datasheet
878Kb / 7P
Precision adjustable shunt regulator in a SOT-23 Plastic Package
TL431M FOSHAN-TL431M Datasheet
866Kb / 7P
Precision adjustable shunt regulator in a SOT-23 Plastic Package
TL432 FOSHAN-TL432 Datasheet
821Kb / 7P
Voltage Regulator in a TO-92 Plastic Package
TL432M FOSHAN-TL432M Datasheet
719Kb / 7P
Precision adjustable shunt regulator in a SOT-23 Plastic Package
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com