Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL431 Datasheet(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # TL431
Description  Precision adjustable shunt regulator in a TO-92 Plastic Package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

TL431 Datasheet(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  TL431 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. TL431 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. TL431 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. TL431 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. TL431 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. TL431 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd. TL431 Datasheet HTML 7Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TL431
Rev.F Mar.-2016
DATA SHEET
http://www.fsbrec.com
2 / 7
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
Cathode to Anode Voltage
VKA
37
V
Cathode Current Range, Continuous
IK
-100~+100
mA
Reference Input Current Range, Continuous
IREF
0.05~+10
mA
Power Dissipation
PD
770
mW
Operating Ambient Temperature
Tamb
-40~125
℃
Junction Temperature
Tj
150
℃
Storage Temperature Range
Tstg
-65~150
℃

参数
Parameter
符号
Symbol
测试条件
Test Conditions
最小值
Min
典型值
Typ
最大值
Max
单位
Unit
Reference Input Voltage
VREF
VKA=VREF
IK=10mA(A=0.5%)
2.483
2.495
2.507
V
VKA=VREF
IK=10mA(B=1%)
2.470
2.495
2.520
V
VKA=VREF
IK=10mA(2%)
2.445
2.495
2.545
V
Deviation of Reference
Input Voltage Over-
Temperature
△
VREF
/△T
VKA=VREF
IK=10mA
TA=-40~125℃
4.5
25
mV
Ratio of Change in
Reference Input Voltage
to the Change in Cathode
Voltage
△
VREF
/△VKA
IK=10mA,
△
VKA =10V to VREF
-1
-2.7
mV/V
IK=10mA,
△
VKA =36V to 10V
-0.5
-2.0
mV/V
Reference Input current
IREF
IK=10mA
R1=10KΩ
R2=open
0.8
1.0
μA
Deviation of Reference
Input Current Over Full
Temperature Range
△
IREF/
△
T
IK=10mA
R1=10KΩ,
R2=open
TA=-40~125℃
0.4
1.2
μA
Minimum Cathode Current
for Regulation
IK(min)
VKA=VREF
0.05
0.08
mA
Off-state cathode current
IK(off)
VKA=36V
VREF=0V
0.05
1.0
μA
Dynamic impedance
|ZKA|
VKA=VREF
f≤1.0KHz
IK=1mA to 100mA
0.15
0.5
Ω
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com