Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASC36A Datasheet(PDF) 2 Page - StarHope

Part # ASC36A
Description  Glass passivated chip
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

ASC36A Datasheet(HTML) 2 Page - StarHope

  ASC36A Datasheet HTML 1Page - StarHope ASC36A Datasheet HTML 2Page - StarHope ASC36A Datasheet HTML 3Page - StarHope ASC36A Datasheet HTML 4Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AUTO TVS/ASC Series
02 | www.spsemi.cn
AMBIENAVERAGE FORWARD CURRENT, (A)
0
100
25
100
175
0
0 0
0.2 ##
0.5 76
1 50
1.5 33
2 23
3 13
4 10
0
8
25
8
##
0
Fig. 3 - Steady State Power Derating Curve
Fig. 2 - Pulse Waveform
(TA =25
unless otherwise noted)
Fig. 1 - Pulse Derating Curve
Fig. 4 - Peak Pulse Power Rating Curve
0.0
2.0
4.0
6.0
8.0
0
25
50
75
100
125
150
175
200
Lead Temperature , TL ( )
0
25
50
75
100
0
25
50
75
100
125
150
175
200
Ambient Temperature ,TA ( )
0
50
100
0
1
2
3
4
Time , (ms)
10/1000 sec. Waveform
Peak Value
(Ipp)
td
Tr=10 s
Half Value = Ipp
2
TJ = 25 C
Pulse Width (td) is defined as the
point where the peak current decays
to 50 % of Ipp
Note:
(TA=25 unless otherwise noted)
Parameter
Symbol
Value
UNIT
Peak power dissipation with a 10/1000 s waveform (1)
PPP
10
KW
Peak pulse current wih a 10/1000 s waveform (1)
IPP
See above Table
Power dissipation on infinite heatsink at TL= 25 °C
D
8.0
W
Peak forward surge current 8.3 ms single half sine-
IFSM
700
A
Operating junction and storage temperature range
TJ, TSTG
–55 to +175
°C
(1)Non-repetitive current pulse per Fig.2 and derated above TA= 25 °C per Fig.1
P
x
Ma imum Ratings
Ratings and Characteristics Curves
A
0.1
1
10
100
1000
0.000001
0.000010.0001
0.001
td-Pulse Width (Sec.)
REV.2016.01.04



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com