Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASC36A Datasheet(PDF) 4 Page - StarHope

Part # ASC36A
Description  Glass passivated chip
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

ASC36A Datasheet(HTML) 4 Page - StarHope

  ASC36A Datasheet HTML 1Page - StarHope ASC36A Datasheet HTML 2Page - StarHope ASC36A Datasheet HTML 3Page - StarHope ASC36A Datasheet HTML 4Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
150
200
60-180
sec
<3
/sec
>220
255-260
sec
60-150
sec
<3
/sec
10-30
sec
<5
/sec
<6
280
Do not exceed
Ramp up rate (150-200)
Reflow
Liquidus Temp.
Peak Temp.
Time(Liq. to Peak)
Ramp up rate (220-200)
Time within actual peak temp.
Ramp down Rate
Time(25
to Peak temp.)
Pre Heat
Temp. min
Temp. max
Time(min to max)
IR-Reflow Condition
tp
ts
Perheat
T
s(min)
T
s(max)
TL
tL
TP
Ramp-up
Time(t)
Temp from 25 °C to Peak
AUTO TVS/ASC Series
04 | www.spsemi.cn
Recommended Soldering Parameters
B MIN.
C
1.5 (0.059)
13.0 ± 0.20
(0.51 ±
0.0008)
G MAX.
26.4 (1.039)
T MAX.
30.4
(1.197)
TAPE SIZE
24 mm (0.945)
A MAX.
330 ± 2.0 (13.0 ±
0.079)
178 ± 2.0 (7.0 ±
0.079)
DIMENSIONS in millimeters (inches)
D MIN.
20.2
(0.795)
N MIN.
50 (1.97)
B
D
C
ZONE 1
ZONE1
A
N
G
T
SURFACE MOUNT TAPE AND REEL PACKAGING
REV.2016.01.04



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com