Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9229 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9229
Description  Serial, LVDS, 3 V A/D Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9229 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9229 Datasheet HTML 9Page - Analog Devices AD9229 Datasheet HTML 10Page - Analog Devices AD9229 Datasheet HTML 11Page - Analog Devices AD9229 Datasheet HTML 12Page - Analog Devices AD9229 Datasheet HTML 13Page - Analog Devices AD9229 Datasheet HTML 14Page - Analog Devices AD9229 Datasheet HTML 15Page - Analog Devices AD9229 Datasheet HTML 16Page - Analog Devices AD9229 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
AD9229
Rev. B | Page 12 of 40
ENCODE (MSPS)
95
90
85
80
75
70
60
65
10
20
15
25
30
35
40
45
65
50
55
60
2V p-p, SNR (dB)
1V p-p, SFDR (dBc)
1V p-p, SNR (dB)
2V p-p, SFDR (dBc)
AIN = –0.5dBFS
Figure 15. SNR/SFDR vs. fSAMPLE, fIN = 10.3 MHz, fSAMPLE = 65 MSPS
ENCODE (MSPS)
85
80
75
70
60
65
10
20
15
25
30
35
40
45
65
50
55
60
2V p-p, SNR (dB)
1V p-p, SFDR (dBc)
1V p-p, SNR (dB)
2V p-p, SFDR (dBc)
AIN = –0.5dBFS
Figure 16. SNR/SFDR vs. fSAMPLE, fIN = 30 MHz, fSAMPLE = 65 MSPS
ANALOG INPUT LEVEL (dBFS)
90
80
70
60
40
30
50
10
0
20
–60
–10
–20
–30
–40
–50
0
80 dB REFERENCE
1V p-p, SFDR (dBc)
1V p-p, SNR (dB)
2V p-p, SFDR (dBc)
2V p-p, SNR (dB)
Figure 17. SNR/SFDR vs. Analog Input Level,
fIN = 10.3 MHz, fSAMPLE = 50 MSPS
ANALOG INPUT LEVEL (dBFS)
90
80
70
60
40
30
50
10
0
20
–60
–10
–20
–30
–40
–50
0
80 dB REFERENCE
1V p-p, SFDR (dBc)
1V p-p, SNR (dB)
2V p-p, SFDR (dBc)
2V p-p, SNR (dB)
Figure 18. SNR/SFDR vs. Analog Input Level,
fIN =25 MHz, fSAMPLE = 50 MSPS
ANALOG INPUT LEVEL (dBFS)
90
80
70
60
40
30
50
10
0
20
–60
–10
–20
–30
–40
–50
0
80 dB REFERENCE
1V p-p, SFDR (dBc)
1V p-p, SNR (dB)
2V p-p, SFDR (dBc)
2V p-p, SNR (dB)
Figure 19. SNR/SFDR vs. Analog Input Level,
fIN = 10.3 MHz, fSAMPLE = 65 MSPS
ANALOG INPUT LEVEL (dBFS)
90
80
70
60
40
30
50
10
0
20
–60
–10
–20
–30
–40
–50
0
80 dB REFERENCE
1V p-p, SFDR (dBc)
1V p-p, SNR (dB)
2V p-p, SFDR (dBc)
2V p-p, SNR (dB)
Figure 20. SNR/SFDR vs. Analog Input Level,
fIN = 30 MHz, fSAMPLE = 65 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com