Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9229 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9229
Description  Serial, LVDS, 3 V A/D Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9229 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9229 Datasheet HTML 17Page - Analog Devices AD9229 Datasheet HTML 18Page - Analog Devices AD9229 Datasheet HTML 19Page - Analog Devices AD9229 Datasheet HTML 20Page - Analog Devices AD9229 Datasheet HTML 21Page - Analog Devices AD9229 Datasheet HTML 22Page - Analog Devices AD9229 Datasheet HTML 23Page - Analog Devices AD9229 Datasheet HTML 24Page - Analog Devices AD9229 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
AD9229
Rev. B | Page 20 of 40
High speed, high resolution ADCs are sensitive to the quality of
the clock input. The degradation in SNR at a given full-scale
input frequency (fA) due only to aperture jitter (tA) can be
calculated with the following equation:
SNR degradation = 20 × log 10 [1/2 × π × fA × tA]
In the equation, the rms aperture jitter, tA, represents the root
sum square of all jitter sources, which include the clock input,
analog input signal, and ADC aperture jitter specification.
Applications that require undersampling are particularly
sensitive to jitter.
The clock input should be treated as an analog signal in cases
where aperture jitter may affect the dynamic range of the
AD9229. Power supplies for clock drivers should be separated
from the ADC output driver supplies to avoid modulating the
clock signal with digital noise. Low jitter, crystal-controlled
oscillators make the best clock sources. If the clock is generated
from another type of source (by gating, dividing, or other
methods), it should be retimed by the original clock at the
last step.
Power Dissipation and Power-Down Mode
As shown in Figure 40 and Figure 41, the power dissipated by
the AD9229 is proportional to its sample rate. The digital power
dissipation does not vary much because it is determined
primarily by the DRVDD supply and bias current of the LVDS
output drivers.
ENCODE (MSPS)
1200
900
800
600
700
1000
1100
350
250
0
100
50
200
150
300
10
50
40
45
30
35
20
25
15
IAVDD
TOTAL POWER
IDRVDD
Figure 40. Supply Current vs. fSAMPLE for fIN = 10.3 MHz, fSAMPLE = 50 MSPS
ENCODE (MSPS)
1400
1100
1000
800
900
1200
1300
500
300
250
200
0
50
150
100
350
400
450
10
50
60
40
30
20
IAVDD
TOTAL POWER
IDRVDD
Figure 41. Supply Current vs. fSAMPLE for fIN = 10.3 MHz, fSAMPLE = 65 MSPS
By asserting the PDWN pin high, the AD9229 is placed in
power-down mode. In this state, the ADC typically dissipates
3 mW. During power-down, the LVDS output drivers are placed
in a high impedance state. Reasserting the PDWN pin low
returns the AD9229 to normal operating mode.
In power-down mode, low power dissipation is achieved by
shutting down the reference, reference buffer, PLL, and biasing
networks. The decoupling capacitors on REFT and REFB are
discharged when entering standby mode and then must be
recharged when returning to normal operation. As a result, the
wake-up time is related to the time spent in the power-down
mode; shorter cycles result in proportionally shorter wake-up
times. With the recommended 0.1 μF and 10 μF decoupling
capacitors on REFT and REFB, it takes approximately 1 sec to
fully discharge the reference buffer decoupling capacitors and
4 ms to restore full operation.
Digital Outputs
The AD9229’s differential outputs conform to the ANSI-644
LVDS standard. To set the LVDS bias current, place a resistor
(RSET is nominally equal to 4.0 kΩ) to ground at the
LVDSBIAS pin. The RSET resistor current is derived on-chip
and sets the output current at each output equal to a nominal
3.5 mA. A 100 Ω differential termination resistor placed at the
LVDS receiver inputs results in a nominal 350 mV swing at the
receiver. To adjust the differential signal swing, simply change
the resistor to a different value, as shown in Table 7.
Table 7. LVDSBIAS Pin Configuration
RSET
Differential Output Swing
3.7 kΩ
375 mV p-p
4.0 kΩ (default)
350 mV p-p
4.3 kΩ
325 mV p-p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com