Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9237 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9237
Description  3 V Low Power A/D Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9237 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9237 Datasheet HTML 9Page - Analog Devices AD9237 Datasheet HTML 10Page - Analog Devices AD9237 Datasheet HTML 11Page - Analog Devices AD9237 Datasheet HTML 12Page - Analog Devices AD9237 Datasheet HTML 13Page - Analog Devices AD9237 Datasheet HTML 14Page - Analog Devices AD9237 Datasheet HTML 15Page - Analog Devices AD9237 Datasheet HTML 16Page - Analog Devices AD9237 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
AD9237
Data Sheet
Rev. C | Page 12 of 24
FREQUENCY (MHz)
0
–120
–100
–80
–60
–40
–20
SNR = 65.6dBc
SFDR = 67.1dBc
0
30 32.5
25
20
15
10
5
Figure 14. AD9237-65 100 MHz FFT
INPUT AMPLITUDE (dBFS)
90
80
70
60
50
40
30
–30
0
–5
–10
–15
–20
–25
SFDR dBFS 4V p-p
SFDR dBc 4V p-p
SNR dBFS 2V p-p
SNR dBFS 4V p-p
SNR dBc 2V p-p
SNR dBc 4V p-p
SFDR dBFS 2V p-p
SFDR dBc 2V p-p
Figure 15. AD9237-65 SNR/SFDR vs. Input Amplitude with fIN = 35 MHz
INPUT AMPLITUDE (dBFS)
100
90
80
70
60
50
40
30
–30
0
–5
–10
–15
–20
–25
SFDR dBFS 2V p-p
SNR dBc 2V p-p
SNR dBc 1V p-p
SFDR dBFS 1V p-p
SFDR dBc 2V p-p
SFDR dBc 1V p-p
SNR dBFS 2V p-p
SNR dBFS 1V p-p
Figure 16. AD9237-40 SNR/SFDR vs. Input Amplitude with fIN = 20 MHz
DUTY CYCLE (%)
90
50
55
60
65
70
75
80
85
30
70
65
60
55
50
45
40
35
SFDR DCS
ENABLED
SFDR DCS
DISABLED
SNR DCS ENABLED
SNR DCS DISABLED
Figure 17. SNR/SFDR vs. Clock Duty Cycle
INPUT AMPLITUDE (dBFS)
90
80
70
60
50
40
30
–30
0
–5
–10
–15
–20
–25
SFDR dBFS 2V p-p
SNR dBFS 2V p-p
SNR dBFS 1V p-p
SNR dBc 2V p-p
SNR dBc 1V p-p
SFDR dBc 2V p-p
SFDR dBc 1V p-p
SFDR dBFS 1V p-p
Figure 18. AD9237-65 SNR/SFDR vs. Input Amplitude with fIN = 35 MHz
INPUT AMPLITUDE (dBFS)
100
90
80
70
60
50
40
30
–30
0
–5
–10
–15
–20
–25
SFDR dBFS 2V p-p
SNR dBc 2V p-p
SNR dBc 1V p-p
SFDR dBFS 1V p-p
SFDR dBc 2V p-p
SFDR dBc 1V p-p
SNR dBFS 2V p-p
SNR dBFS 1V p-p
Figure 19. AD9237-20 SNR/SFDR vs. Input Amplitude with fIN = 10 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com