Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9237 Datasheet(PDF) 19 Page - Analog Devices

Part # AD9237
Description  3 V Low Power A/D Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9237 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9237 Datasheet HTML 15Page - Analog Devices AD9237 Datasheet HTML 16Page - Analog Devices AD9237 Datasheet HTML 17Page - Analog Devices AD9237 Datasheet HTML 18Page - Analog Devices AD9237 Datasheet HTML 19Page - Analog Devices AD9237 Datasheet HTML 20Page - Analog Devices AD9237 Datasheet HTML 21Page - Analog Devices AD9237 Datasheet HTML 22Page - Analog Devices AD9237 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
AD9237
Data Sheet
Rev. C | Page 18 of 24
Table 7. Reference Configuration Summary
Selected Mode
SENSE Voltage
Resulting VREF (V)
Span Factor
Resulting Differential Span (V p-p)
External Reference
AVDD
N/A
2
Factor
Span
Reference
External
_
4×
1
Internal Fixed Reference
VREF
0.5
2
1.0 V
1
2.0 V
Programmable Reference
0.2 V to VREF
0.5 × (1 + R2/R1)
(See Figure 40)
2
Factor
Span
VREF
_
4×
1
Internal Fixed Reference
AGND to 0.2 V
1.0
2
2.0 V
1
4.0 V
VOLTAGE REFERENCE
A stable and accurate 0.5 V voltage reference is built into
the AD9237. The input range can be adjusted by varying
the reference voltage applied to the AD9237, using either the
internal reference or an externally applied reference voltage.
The input span of the ADC tracks reference voltage changes
linearly.
In all reference configurations, REFT and REFB drive the
A/D conversion core and, in conjunction with the span factor,
establish its input span. The input range of the ADC always
equals four times the voltage at the reference pin divided by
the span factor for either an internal or an external reference.
It is required to decouple REFT to REFB with 0.1 µF and 10 µF
decoupling capacitors, as shown in Figure 39.
Internal Reference Connection
A comparator within the AD9237 detects the potential at
the SENSE pin and configures the reference into one of four
possible states, which are summarized in Table 7. If SENSE is
grounded, the reference amplifier switch is connected to the
internal resistor divider, setting VREF to 1 V (see Figure 39).
Connecting the SENSE pin to VREF switches the reference
amplifier output to the SENSE pin, completing the loop and
providing a 0.5 V reference output. If a resistor divider is
connected, as shown in Figure 40, then the switch is again set to
the SENSE pin. This puts the reference amplifier in a non-
inverting mode with the VREF output defined as
 +
×
=
1
2
1
5
0
R
R
.
VREF
ADC
CORE
VIN–
SENSE
VREF
VIN+
REFT
REFB
0.1
µF
0.1
µF
0.1
µF
10
µF
+
0.5V
SELECT
LOGIC
0.1
µF
+
10
µF
AD9237
Figure 39. Internal Reference Configuration
ADC
CORE
VIN–
SENSE
R2
R1
VREF
VIN+
REFT
REFB
0.1
µF
0.1
µF
0.1
µF
10
µF
+
0.5V
SELECT
LOGIC
0.1
µF
+
10
µF
AD9237
Figure 40. Programmable Reference Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com