Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9246 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9246
Description  1.8 V Analog-to-Digital Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9246 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9246 Datasheet HTML 9Page - Analog Devices AD9246 Datasheet HTML 10Page - Analog Devices AD9246 Datasheet HTML 11Page - Analog Devices AD9246 Datasheet HTML 12Page - Analog Devices AD9246 Datasheet HTML 13Page - Analog Devices AD9246 Datasheet HTML 14Page - Analog Devices AD9246 Datasheet HTML 15Page - Analog Devices AD9246 Datasheet HTML 16Page - Analog Devices AD9246 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
AD9246
Rev. A | Page 12 of 44
0
–140
0
62.500
FREQUENCY (MHz)
–20
–40
–60
–80
–100
–120
15.625
31.250
46.875
125MSPS
225.3MHz @ –1dBFS
SNR = 70.3dB (71.3dBFS)
ENOB = 11.3 BITS
SFDR = 80.4dBc
Figure 18. AD9246-125 Single-Tone FFT with fIN = 225.3 MHz
0
–140
0
62.500
FREQUENCY (MHz)
–20
–40
–60
–80
–100
–120
15.625
31.250
46.875
125MSPS
300.3MHz @ –1dBFS
SNR = 69.3dB (70.3dBFS)
ENOB = 11 BITS
SFDR = 77.5dBc
Figure 19. AD9246-125 Single-Tone FFT with fIN = 300.3 MHz
120
0
–90
0
INPUT AMPLITUDE (dBFS)
SNR (dBFS)
SFDR (dBFS)
SNR (dBc)
SFDR (dBc)
85dB REFERENCE LINE
100
80
60
40
20
–80
–70
–60
–50
–40
–30
–20
–10
Figure 20. AD9246 Single-Tone SNR/SFDR vs. Input Amplitude (AIN)
with fIN = 2.4 MHz
95
65
0
250
INPUT FREQUENCY (MHz)
90
85
80
75
70
50
100
150
200
SFDR = –40°C
SNR = –40°C
SFDR = +25°C
SNR = +25°C
SFDR = +85°C
SNR = +85°C
Figure 21. AD9246 Single-Tone SNR/SFDR vs. Input Frequency (fIN) and
Temperature with 2 V p-p Full Scale
95
65
0
250
INPUT FREQUENCY (MHz)
90
85
80
75
70
50
100
150
200
SFDR = –40°C
SNR = –40°C
SFDR = +25°C
SNR = +25°C
SFDR = +85°C
SNR = +85°C
Figure 22. AD9246 Single-Tone SNR/SFDR vs. Input Frequency (fIN) and
Temperature with 1 V p-p Full Scale
0
–1.00
–40
80
TEMPERATURE (°C)
–20
0
204060
–0.25
–0.50
–0.75
OFFSET ERROR
GAIN ERROR
Figure 23. AD9246 Gain and Offset vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com