Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9246 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9246
Description  1.8 V Analog-to-Digital Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9246 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9246 Datasheet HTML 17Page - Analog Devices AD9246 Datasheet HTML 18Page - Analog Devices AD9246 Datasheet HTML 19Page - Analog Devices AD9246 Datasheet HTML 20Page - Analog Devices AD9246 Datasheet HTML 21Page - Analog Devices AD9246 Datasheet HTML 22Page - Analog Devices AD9246 Datasheet HTML 23Page - Analog Devices AD9246 Datasheet HTML 24Page - Analog Devices AD9246 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
AD9246
Rev. A | Page 20 of 44
The DCS can be enabled or disabled by setting the SDIO/DCS
pin when operating in the external pin mode (see Table 10), or
via the SPI, as described in Table 13.
Table 10. Mode Selection (External Pin Mode)
Voltage at Pin
SCLK/DFS
SDIO/DCS
AGND
Binary (default)
DCS disabled
AVDD
Twos complement
DCS enabled
(default)
JITTER CONSIDERATIONS
High speed, high resolution ADCs are sensitive to the quality of
the clock input. The degradation in SNR at a given input
frequency (fIN) due to jitter (tJ) is calculated as follows:
SNR = −20 log (2π × fIN × tJ)
In the equation, the rms aperture jitter represents the root mean
square of all jitter sources, which include the clock input, analog
input signal, and ADC aperture jitter specification. IF under-
sampling applications are particularly sensitive to jitter, as
illustrated in Figure 51.
75
70
65
60
55
50
45
40
1
10
100
1000
INPUT FREQUENCY (MHz)
3.00ps
0.05ps
MEASURED
PERFORMANCE
0.20ps
0.5ps
1.0ps
1.50ps
2.00ps
2.50ps
Figure 51. SNR vs. Input Frequency and Jitter
Treat the clock input as an analog signal in cases where aperture
jitter may affect the dynamic range of the AD9246. Power supplies
for clock drivers should be separated from the ADC output driver
supplies to avoid modulating the clock signal with digital noise.
The power supplies should also not be shared with analog input
circuits, such as buffers, to avoid the clock modulating onto the
input signal or vice versa. Low jitter, crystal-controlled oscillators
make the best clock sources. If the clock is generated from
another type of source (by gating, dividing, or other methods),
it should be retimed by the original clock at the last step.
Refer to Application Notes AN-501, Aperture Uncertainty and
ADC System Performance, and AN-756, Sampled Systems and
the Effects of Clock Phase Noise and Jitter, for more in-depth
information about jitter performance as it relates to ADCs.
POWER DISSIPATION AND STANDBY MODE
As shown in Figure 52 and Figure 53, the power dissipated by
the AD9246 is proportional to its sample rate. The digital power
dissipation is determined primarily by the strength of the digital
drivers and the load on each output bit. The maximum DRVDD
current (IDRVDD) can be calculated as:
N
f
C
V
I
CLK
LOAD
DRVDD
DRVDD
×
×
×
=
2
where N is the number of output bits, 14 in the case of the
AD9246.
This maximum current occurs when every output bit switches
on every clock cycle, that is, a full-scale square wave at the
Nyquist frequency, fCLK/2. In practice, the DRVDD current is
established by the average number of output bits switching,
which is determined by the sample rate and the characteristics
of the analog input signal. Reducing the capacitive load
presented to the output drivers can minimize digital power
consumption. The data in Figure 52 and Figure 53 was taken
under the same operating conditions as the data for the Typical
Performance Characteristics section, with a 5 pF load on each
output driver.
475
325
01
CLOCK FREQUENCY (MSPS)
25
450
425
400
375
350
250
0
200
150
100
50
25
50
75
100
IDRVDD
IAVDD
TOTAL POWER
Figure 52. AD9246-125 Power and Current vs. Clock Frequency fIN = 30 MHz
410
250
0
CLOCK FREQUENCY (MSPS)
200
180
0
160
140
120
100
80
60
40
20
25
50
75
100
390
370
350
330
310
290
270
IDRVDD
IAVDD
TOTAL POWER
Figure 53. AD9246-105 Power and Current vs. Clock Frequency fIN = 30 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com