Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH232Z Datasheet(PDF) 1 Page - A1 PROs co., Ltd.

Part # AH232Z
Description  2.1Mega pixel HD SDI Camera
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

AH232Z Datasheet(HTML) 1 Page - A1 PROs co., Ltd.

  AH232Z Datasheet HTML 1Page - A1 PROs co., Ltd. AH232Z Datasheet HTML 2Page - A1 PROs co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2.1Mega pixel HD-SDI Camera
A1 PROs
1
A1 PROs
Specifications
AH232Z(EX-SDI)
AH232Z
(EX-SDI)
AH232Z (EX-SDI)
Image Device
1/2.7 ZeeAnn CMOS (ZA20S10 30fps)
Resolution
1920 X 1080p
Pixel size
3.0um X 3.0um
Active Pixels
1930(H) X 1088(V) = 2,099,840(pixel)
Shutter Speed
Auto / Manual (1/30(1/25) ~ 1/10000)
Flicker : 60HZ, 50HZ OFF
Features
n 1/2.7 ZeeAnn CMOS Sensor
n HD Resolution : 1080p 30fps
n SMART IR
nPrivacy Mask Function
n Motion Detection
n FLIP
nEX-SDI
n LANGUAGE : ENGLISH / 中文
n Dimension : 32mm x 32mm
Flicker : 60HZ, 50HZ OFF
Dynamic range
66.5dB
S/N Ratio
39.9dB
DAY & NIGHT
AUTO/COLOR/B&W/EXT
SMART IR
OFF/ 0~64
WHITE BALANCE
AUTO/PUSH/USER/HOLD/3200K/4200K/6000K/8000K
MIRROR
ON/OFF
PRIVACY
OFF/ON (2 AREA)
MOTION
OFF/ON
FLIP
OFF/ON
LANGUAGE
ENGLISH / 中文
HLC
OFF/ON
BLC
0 ~ 16
SYSTEM
FPS 25FPS / 30FPS
HD FORMAT
1080p
1
Dimensions
Operating Temp./Hum
-40℃ ~ +105℃ (Functional)
Power Input
DC 5.8V ~ 18V
Power Consumption
150mA
Size
32 x 32 mm


Similar Part No. - AH232Z

ManufacturerPart #DatasheetDescription
logo
A1 PROs co., Ltd.
AH233TS A1PROS-AH233TS Datasheet
169Kb / 2P
WDR Wide Dynamic Range
AH237VP A1PROS-AH237VP Datasheet
200Kb / 2P
Unapplied RS 485 Applications
More results

Similar Description - AH232Z

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
OTP-1HDP EMCORE-OTP-1HDP Datasheet
93Kb / 2P
HD-SDI & SD-SDI Video
OTP-2HDP EMCORE-OTP-2HDP Datasheet
86Kb / 2P
HD-SDI & SD-SDI Video
OTP-1HD EMCORE-OTP-1HD Datasheet
95Kb / 2P
HD-SDI & SD-SDI Video
logo
Glenair, Inc.
050_357 GLENAIR-050_357 Datasheet
501Kb / 15P
SMPTE HD-SDI
050-332 GLENAIR-050-332 Datasheet
708Kb / 16P
SMPTE HD-SDI AND 3G-SDI
logo
A1 PROs co., Ltd.
AH13A A1PROS-AH13A Datasheet
166Kb / 2P
1.3Mega pixel Camera
AH20AP A1PROS-AH20AP Datasheet
149Kb / 2P
2.1Mega pixel Camera
AH21AZ A1PROS-AH21AZ Datasheet
126Kb / 2P
2.1Mega pixel AHD Camera
AH242T A1PROS-AH242T Datasheet
225Kb / 2P
2.1Mega pixel TVI Camera
AH247VP A1PROS-AH247VP Datasheet
174Kb / 2P
2.1Mega pixel HD-SDI Camera
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com