Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH232Z Datasheet(PDF) 2 Page - A1 PROs co., Ltd.

Part # AH232Z
Description  2.1Mega pixel HD SDI Camera
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

AH232Z Datasheet(HTML) 2 Page - A1 PROs co., Ltd.

  AH232Z Datasheet HTML 1Page - A1 PROs co., Ltd. AH232Z Datasheet HTML 2Page - A1 PROs co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Connector Pin map
A1 PROs
1
A1 PROs
AH232Z (EX-SDI)
③
④
⑤
Connector
Pin number
Pin name
Description
①
1
IRLED OUT
IR LED On Signal out
2
Day&Night IN
Day & Night Signal in (High or Low)
3
GND
Board Ground
4
+12V
+12V Output
②
1
GND
Board Ground
2
+12V
+12V Input
3
GND
Board Ground
4
Key Down
OSD Key down
5
Key Up
OSD Key up
6
Key Right
OSD Key right
7
Key Select
OSD Key select
8
Key Left
OSD Key left
9
GND
Board Ground
①
②
2
10
MD Out
Motion detection out signal
③
1
DMP +
DC IRIS Damping +
2
DMP -
DC IRIS Damping -
3
DRV +
DC IRIS Drive +
4
GND
Board Ground
④
1
MA +
Day & Night Control out
2
MA -
Day & Night Control out
⑤
1
HD-SDI
MMCX (IPEX)
Address
Rm.915, Keumkang Hightech Valley, 177, Sagimakgol-ro Jungwon-ku, Seongnam-si, Gyeonggi-do, Korea



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com