Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D6FEC4ST Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # D6FEC4ST
Description  Schottky Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

D6FEC4ST Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  D6FEC4ST Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd D6FEC4ST Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd D6FEC4ST Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd D6FEC4ST Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Schottky Barrier Diode
Twin
D6FEC4ST
40V 6A
特 長
Feature
●SMD
●超低lR
●AEC-Q101準拠
●SMD
●Ultra Low lR
●Based on AEC-Q101
■外観図 OUTLINE
Package
:FE
Unit : mm
外形図については新電元Webサイトをご参照下さい。捺印表示については
捺印仕様をご確認下さい。
For details of the outline dimensions, refer to our web site. As for the
marking, refer to the specification “Marking, Terminal Connection”.
■定格表 RATINGS
●絶対最大定格 Absolute Maximum Ratings(指定のない場合はTc=25℃/unless otherwise specified)
保存温度
Storage Temperature
項  目
Item
記号
Symbol
条 件
Conditions
規格値
Ratings
単位
Unit
●電気的・熱的特性 Electrical Characteristics(指定のない場合はTc=25℃/unless otherwise specified)
www.shindengen.co.jp/product/semi/
(J532-p〈2016.02〉I2)
接合部温度
Operating Junction Temperature
せん頭逆電圧
Maximum Reverse Voltage
出力電流
Average Rectified Forward Current
せん頭サージ順電流
Peak Surge Forward Current
順電圧
Forward Voltage
逆電流
Reverse Current
接合容量
Junction Capacitance
熱抵抗
Thermal Resistance
Tstg
Tj
VRM
Io
IFSM
IFSM1
IR
VF
Cj
θjc
θja
IF=3A,
パルス測定, 一素子当りの規格値
IF
=3A,
Pulse measurement, per diode
VR=40V,
パルス測定, 一素子当りの規格値
VR
=40V,
Pulse measurement, per diode
f=1MHz, VR=10V, 一素子当りの規格値
f
=1MHz, VR=10V, per diode
接合部・ケース間
Junction to case
接合部・周囲間 ※1
Junction to ambient
 ※1
50Hz 正弦波, 抵抗負荷, 一素子当りの出力電流平均値 Io/2, Tc=158℃
50Hz sine wave, Resistance load, Rating for each diode Io/2, Tc
=158℃
50Hz 正弦波, 非繰り返し1サイクルせん頭値, Tj=25℃
50Hz sine wave, Non-repetitive 1 cycle peak value, Tj
=25℃
tp=1ms, Tj=25℃, 非繰り返し
tp
=1ms, Tj=25℃, Non-repetitive
50Hz 正弦波, 抵抗負荷, Ta=25℃
50Hz sine wave, Resistance load, Ta
=25℃
※1 基板条件はディレーティングカーブ[Ta-Io]参照
℃
-55~175
℃
175
V
40
4
6
90
A
V
0.74
A
A
155
Max.
μA
8
Max.
pF
93
Typ.
℃/W
4
Max.
60
Max.
Date code
ロット記号(例)
Type No.
品名略号
6EC4
Control No.
管理番号(例)
00
00
T


Similar Part No. - D6FEC4ST

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D6FEC10ST SHINDENGEN-D6FEC10ST Datasheet
294Kb / 4P
Schottky Barrier Diode
D6FEC12ST SHINDENGEN-D6FEC12ST Datasheet
241Kb / 4P
SchottkyBarrierDiode
D6FEC15ST SHINDENGEN-D6FEC15ST Datasheet
241Kb / 4P
SchottkyBarrierDiode
More results

Similar Description - D6FEC4ST

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com