Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FESD05HD Datasheet(PDF) 2 Page - FutureWafer Tech Co.,Ltd

Part # FESD05HD
Description  High Power Small Package ESD Protection
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

FESD05HD Datasheet(HTML) 2 Page - FutureWafer Tech Co.,Ltd

  FESD05HD Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd FESD05HD Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd FESD05HD Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd FESD05HD Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rating and characteristic curve
Parameter
Symbol
Condition
min
max
Units
Reverse Stand-off Voltage
VRWM
Pin 2-1/Pin 1-2
5
V
Reverse Breakdown Voltage
VBR
IZ=1mA,Pin 1-2/pin 2-1
5.6
9.4
V
Reverse Leakage Current
IR(max)
@VRWM
0.9
uA
Clamping Voltage
VC
IPP=1A tp=8/20us
IPP=12A tp=8/20us
9
14
V
Peak Pulse Current
IPP
tp=8/20us
12
A
Junction Capacitance
C I/O
Pin capacitance to GND.
Vdc=0V,f=1MHZ
30
40
pf
0
25
50
75
100
0
25
50
75
100
125
150
175
Figure 1
Power Derating Curve
Tj (°C)
High Power Small Package ESD Protection
FESD05HD
Electrical Characteristics
t-Time-µs
Figure 2
Figure 3
Non-repetitive Peak pulse power V.S pulse time
Pulse Duration –tp(us)
Futurewafer Technology co., Ltd.,
E1508F11D-STD-FW-001
170W,8/20uS
Figure 4
Peak Pulse Current vs. Clamping Voltage
IPP(A)-Peak Pulse Current



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com