Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FESD05HD Datasheet(PDF) 1 Page - FutureWafer Tech Co.,Ltd

Part # FESD05HD
Description  High Power Small Package ESD Protection
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

FESD05HD Datasheet(HTML) 1 Page - FutureWafer Tech Co.,Ltd

  FESD05HD Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd FESD05HD Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd FESD05HD Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd FESD05HD Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
High Power Small Package ESD Protection
Applications
●
Lan equipment
●
Video
●
DVI
●
High Speed Data Line
●
Ethernet
●
USB 2.0 Power and Data line Protection
Feature
●
With TVS Diode
●
ESD Protection:Level 4
●
Low clamping voltage
●
150Watts peak pulse power per line(tp=8/20uS)
●
Ultra low capacitance:40pf max.(I/O to GND.)
DFN1006
IEC Compatibility
●
EN61000-4
●
61000-4-2(ESD):LEVEL 4,Air:15kv,contact:8kv
●
61000-4-4(EFT):40A-5/50ns
●
61000-4-5(Surge):12A-8/20us
Mechanical Characteristics
●
Molded JEDEC DFN1006 package
●
Packging:Tape and Reel
●
Flammability rating UL 94V-0
●
Halogen Free
Device Characteristics
Maximum Ratings@25 unless otherwise specified
Parameter
Symbol
Value
Units
Peak pulse power (tp=8/20us) (fig. 3)
PPP
170
Watts
Operating Temperature
TJ
-55~150
°C
Storage Temperature
TSTG
-55~150
°C
FESD05HD
Futurewafer Technology co., Ltd.,
E1508F11D-STD-FW-001


Similar Part No. - FESD05HD

ManufacturerPart #DatasheetDescription
logo
FutureWafer Tech Co.,Lt...
FESD05HD-40PF FUTUREWAFER-FESD05HD-40PF Datasheet
767Kb / 4P
High Power Small Package ESD Protection
More results

Similar Description - FESD05HD

ManufacturerPart #DatasheetDescription
logo
FutureWafer Tech Co.,Lt...
FESD05HD-40PF FUTUREWAFER-FESD05HD-40PF Datasheet
767Kb / 4P
High Power Small Package ESD Protection
FESD12U-50PF FUTUREWAFER-FESD12U-50PF Datasheet
596Kb / 5P
Small Package ESD Protection
FM3V3BD-15PF FUTUREWAFER-FM3V3BD-15PF Datasheet
603Kb / 4P
Small Package ESD Protection
FM3V3UD-300PF FUTUREWAFER-FM3V3UD-300PF Datasheet
489Kb / 5P
Small Package ESD Protection
FMESD05C-15PF FUTUREWAFER-FMESD05C-15PF Datasheet
650Kb / 5P
Small Package ESD Protection
FMESD12C-20PF FUTUREWAFER-FMESD12C-20PF Datasheet
560Kb / 5P
Small Package ESD Protection
FESD12U FUTUREWAFER-FESD12U Datasheet
596Kb / 5P
Small Package ESD Protection
FM3V3BD FUTUREWAFER-FM3V3BD Datasheet
603Kb / 4P
Small Package ESD Protection
FMESD05C FUTUREWAFER-FMESD05C Datasheet
650Kb / 5P
Small Package ESD Protection
FMESD12C FUTUREWAFER-FMESD12C Datasheet
560Kb / 5P
Small Package ESD Protection
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com