Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12DL040 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC12DL040
Description  Dual 12-Bit, 40 MSPS, 3V, 210mW A/D Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12DL040 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button ADC12DL040 Datasheet HTML 15Page - National Semiconductor (TI) ADC12DL040 Datasheet HTML 16Page - National Semiconductor (TI) ADC12DL040 Datasheet HTML 17Page - National Semiconductor (TI) ADC12DL040 Datasheet HTML 18Page - National Semiconductor (TI) ADC12DL040 Datasheet HTML 19Page - National Semiconductor (TI) ADC12DL040 Datasheet HTML 20Page - National Semiconductor (TI) ADC12DL040 Datasheet HTML 21Page - National Semiconductor (TI) ADC12DL040 Datasheet HTML 22Page - National Semiconductor (TI) ADC12DL040 Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
Applications Information (Continued)
Where dev is the angular difference in degrees between the
two signals having a 180˚ relative phase relationship to each
other (see Figure 3). Drive the analog inputs with a source
impedance less than 100
Ω.
For differential operation, each analog input pin of the differ-
ential pair should have a peak-to-peak voltage equal to the
reference voltage, V
REF, be 180 degrees out of phase with
each other and be centered around V
CM.
1.3.1 Single-Ended Operation
Performance with differential input signals is better than with
single-ended signals. For this reason, single-ended opera-
tion is not recommended. However, if single ended-operation
is required and the resulting performance degradation is
acceptable, one of the analog inputs should be connected to
the d.c. mid point voltage of the driven input. The peak-to-
peak differential input signal at the driven input pin should be
twice the reference voltage to maximize SNR and SINAD
performance (Figure 2b). For example, set V
REF to 0.5V,
bias V
IN− to 1.0V and drive VIN+ with a signal range of 0.5V
to 1.5V.
Because very large input signal swings can degrade distor-
tion performance, better performance with a single-ended
input can be obtained by reducing the reference voltage
when maintaining a full-range output. Table 1 and Table 2
indicate the input to output relationship of the ADC12DL040.
TABLE 1. Input to Output Relationship – Differential
Input
V
IN+
V
IN−
Binary Output
2’s Complement
Output
V
CM −
V
REF/2
V
CM +
V
REF/2
0000 0000 0000
1000 0000 0000
V
CM −
V
REF/4
V
CM +
V
REF/4
0100 0000 0000
1100 0000 0000
V
CM
V
CM
1000 0000 0000
0000 0000 0000
V
CM +
V
REF/4
V
CM −
V
REF/4
1100 0000 0000
0100 0000 0000
V
CM +
V
REF/2
V
CM −
V
REF/2
1111 1111 1111
0111 1111 1111
TABLE 2. Input to Output Relationship – Single-Ended
Input
V
IN+
V
IN−
Binary Output
2’s Complement
Output
V
CM −
V
REF
V
CM
0000 0000 0000
1000 0000 0000
V
CM −
V
REF/2
V
CM
0100 0000 0000
1100 0000 0000
V
CM
V
CM
1000 0000 0000
0000 0000 0000
V
CM +
V
REF/2
V
CM
1100 0000 0000
0100 0000 0000
V
CM +
V
REF
V
CM
1111 1111 1111
0111 1111 1111
1.3.2 Driving the Analog Inputs
The V
IN+ and the VIN− inputs of the ADC12DL040 consist of
an analog switch followed by a switched-capacitor amplifier.
The capacitance seen at the analog input pins changes with
the clock level, appearing as 8 pF when the clock is low, and
7 pF when the clock is high.
As the internal sampling switch opens and closes, current
pulses occur at the analog input pins, resulting in voltage
spikes at the signal input pins. As a driving amplifier attempts
to counteract these voltage spikes, a damped oscillation
may appear at the ADC analog input. Do not attempt to filter
out these pulses. Rather, use amplifiers to drive the
ADC12DL040 input pins that are able to react to these
pulses and settle before the switch opens and another
sample is taken. The LMH6702 LMH6628, LMH6622 and the
LMH6655 are good amplifiers for driving the ADC12DL040.
To help isolate the pulses at the ADC input from the amplifier
output, use RCs at the inputs, as can be seen in Figure 4
through Figure 6 . These components should be placed
close to the ADC inputs because the input pins of the ADC is
the most sensitive part of the system and this is the last
opportunity to filter that input.
For Nyquist applications the RC pole should be at the ADC
sample rate. The ADC input capacitance in the sample mode
should be considered when setting the RC pole. For wide-
band undersampling applications, the RC pole should be set
at about 1.5 to 2 times the maximum input frequency to
maintain a linear delay response.
A single-ended to differential conversion circuit is shown in
Figure 6. Table 3 gives resistor values for that circuit to
provide input signals in a range of 1.0V ±0.5V at each of the
differential input pins of the ADC12DL040.
TABLE 3. Resistor Values for Circuit of Figure 6
SIGNAL
RANGE
R1
R2
R3
R4
R5, R6
0 - 0.25V
open
0
Ω
124
Ω 1500Ω 1000Ω
0 - 0.5V
0
Ω
open
Ω 499Ω 1500Ω 499Ω
±0.25V
100
Ω
698
Ω
100
Ω
698
Ω
499
Ω
1.3.3 Input Common Mode Voltage
The input common mode voltage, V
CM, should be in the
range of 0.5V to 2.0V and be a value such that the peak
excursions of the analog signal does not go more negative
than ground or more positive than 2.6V. See Section 1.2
20100212
FIGURE 3. Angular Errors Between the Two Input
Signals Will Reduce the Output Level or Cause
Distortion
www.national.com
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com