Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12DL040 Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC12DL040
Description  Dual 12-Bit, 40 MSPS, 3V, 210mW A/D Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12DL040 Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button ADC12DL040 Datasheet HTML 18Page - National Semiconductor (TI) ADC12DL040 Datasheet HTML 19Page - National Semiconductor (TI) ADC12DL040 Datasheet HTML 20Page - National Semiconductor (TI) ADC12DL040 Datasheet HTML 21Page - National Semiconductor (TI) ADC12DL040 Datasheet HTML 22Page - National Semiconductor (TI) ADC12DL040 Datasheet HTML 23Page - National Semiconductor (TI) ADC12DL040 Datasheet HTML 24Page - National Semiconductor (TI) ADC12DL040 Datasheet HTML 25Page - National Semiconductor (TI) ADC12DL040 Datasheet HTML 26Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
Applications Information (Continued)
4.0 POWER SUPPLY CONSIDERATIONS
The power supply pins should be bypassed with a 10 µF
capacitor and with a 0.1 µF ceramic chip capacitor within a
centimeter of each power pin. Leadless chip capacitors are
preferred because they have low series inductance.
As is the case with all high-speed converters, the
ADC12DL040 is sensitive to power supply noise. Accord-
ingly, the noise on the analog supply pin should be kept
below 100 mV
P-P.
No pin should ever have a voltage on it that is in excess of
the supply voltages, not even on a transient basis. Be espe-
cially careful of this during power turn on and turn off.
The V
DR pin provides power for the output drivers and may
be operated from a supply in the range of 2.4V to V
D. This
can simplify interfacing to lower voltage devices and sys-
tems. Note, however, that t
OD increases with reduced VDR.
DO NOT operate the V
DR pin at a voltage higher than VD.
5.0 LAYOUT AND GROUNDING
Proper grounding and proper routing of all signals are es-
sential to ensure accurate conversion. Maintaining separate
analog and digital areas of the board, with the ADC12DL040
between these areas, is required to achieve specified per-
formance.
The ground return for the data outputs (DR GND) carries the
ground current for the output drivers. The output current can
exhibit high transients that could add noise to the conversion
process. To prevent this from happening, the DR GND pins
should NOT be connected to system ground in close prox-
imity to any of the ADC12DL040’s other ground pins.
Capacitive coupling between the typically noisy digital cir-
cuitry and the sensitive analog circuitry can lead to poor
performance. The solution is to keep the analog circuitry
separated from the digital circuitry, and to keep the clock line
as short as possible.
Digital circuits create substantial supply and ground current
transients. The logic noise thus generated could have sig-
nificant impact upon system noise performance. The best
logic family to use in systems with A/D converters is one
which employs non-saturating transistor designs, or has low
noise characteristics, such as the 74LS, 74HC(T) and
74AC(T)Q families. The worst noise generators are logic
families that draw the largest supply current transients dur-
ing clock or signal edges, like the 74F and the 74AC(T)
families.
The effects of the noise generated from the ADC output
switching can be minimized through the use of 100
Ω resis-
tors in series with each data output line. Locate these resis-
tors as close to the ADC output pins as possible.
Since digital switching transients are composed largely of
high frequency components, total ground plane copper
weight will have little effect upon the logic-generated noise.
This is because of the skin effect. Total surface area is more
important than is total ground plane volume.
Generally, analog and digital lines should cross each other at
90˚ to avoid crosstalk. To maximize accuracy in high speed,
high resolution systems, however, avoid crossing analog and
digital lines altogether. It is important to keep clock lines as
short as possible and isolated from ALL other lines, including
other digital lines. Even the generally accepted 90˚ crossing
should be avoided with the clock line as even a little coupling
can cause problems at high frequencies. This is because
other lines can introduce jitter into the clock line, which can
lead to degradation of SNR. Also, the high speed clock can
introduce noise into the analog chain.
Best performance at high frequencies and at high resolution
is obtained with a straight signal path. That is, the signal path
through all components should form a straight line wherever
possible.
www.national.com
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com