Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSOP22..WE1 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TSOP22..WE1
Description  IR Receiver Modules for Remote Control Systems
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP22..WE1 Datasheet(HTML) 1 Page - Vishay Siliconix

  TSOP22..WE1 Datasheet HTML 1Page - Vishay Siliconix TSOP22..WE1 Datasheet HTML 2Page - Vishay Siliconix TSOP22..WE1 Datasheet HTML 3Page - Vishay Siliconix TSOP22..WE1 Datasheet HTML 4Page - Vishay Siliconix TSOP22..WE1 Datasheet HTML 5Page - Vishay Siliconix TSOP22..WE1 Datasheet HTML 6Page - Vishay Siliconix TSOP22..WE1 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TSOP22..WE1
Document Number 82092
Rev. 1.6, 31-Jan-05
Vishay Semiconductors
www.vishay.com
1
16646
IR Receiver Modules for Remote Control Systems
Description
The TSOP22..WE1 - series are miniaturized receiv-
ers for infrared remote control systems. PIN diode
and preamplifier are assembled on lead frame, the
epoxy package is designed as IR filter.
The demodulated output signal can directly be
decoded by a microprocessor. TSOP22..WE1 is the
standard IR remote control receiver series, support-
ing all major transmission codes.
Features
• Photo detector and preamplifier in one
package
• Internal filter for PCM frequency
• Improved shielding against electrical
field disturbance
• TTL and CMOS compatibility
• Output active low
• Low power consumption
Special Features
• Improved immunity against ambient light
• Suitable burst length
≥ 10 cycles/burst
Parts Table
Block Diagram
Application Circuit
Part
Carrier Frequency
TSOP2230WE1
30 kHz
TSOP2233WE1
33 kHz
TSOP2236WE1
36 kHz
TSOP2237WE1
36.7 kHz
TSOP2238WE1
38 kHz
TSOP2240WE1
40 kHz
TSOP2256WE1
56 kHz
30 k
Ω
2
3
1
VS
OUT
Demo-
GND
Pass
AGC
Input
PIN
Band
dulator
Control Circuit
16835
C1 =
4.7 µF
TSOPxxxx
OUT
GND
µC
R1 =100 Ω
+VS
GND
Transmitter
with
TSALxxxx
VS
R1 +C1 recommended to suppress power supply
disturbances.
VO
The output voltage should not be hold continuously at
a voltage below VO = 3.3 V by the external circuit.
16842
e3


Similar Part No. - TSOP22..WE1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP22.. VISHAY-TSOP22.. Datasheet
220Kb / 8P
IR Receiver Modules for Remote Control Systems
16-Aug-2022
More results

Similar Description - TSOP22..WE1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP1330SB1 VISHAY-TSOP1330SB1 Datasheet
233Kb / 7P
IR Receiver Modules for Remote Control Systems
15-Oct-2002
TSOP4830ON1 VISHAY-TSOP4830ON1 Datasheet
405Kb / 7P
IR Receiver Modules for Remote Control Systems
15-Oct-2002
TSOP21 VISHAY-TSOP21 Datasheet
238Kb / 8P
IR Receiver Modules for Remote Control Systems
31-Jan-05
TSOP31130 VISHAY-TSOP31130 Datasheet
164Kb / 8P
IR Receiver Modules for Remote Control Systems
26-Sep-08
TSOP31230 VISHAY-TSOP31230 Datasheet
160Kb / 8P
IR Receiver Modules for Remote Control Systems
19-Aug-08
TSOP6130 VISHAY-TSOP6130 Datasheet
414Kb / 13P
IR Receiver Modules for Remote Control Systems
10-Jun-08
TSOP372 VISHAY-TSOP372 Datasheet
257Kb / 11P
IR Receiver Modules for Remote Control Systems
11-Nov-15
TSOP572 VISHAY-TSOP572 Datasheet
259Kb / 11P
IR Receiver Modules for Remote Control Systems
10-Nov-15
TSOP61 VISHAY-TSOP61 Datasheet
648Kb / 26P
IR Receiver Modules for Remote Control Systems
22-Jul-16
TSOP77P38 VISHAY-TSOP77P38 Datasheet
278Kb / 12P
IR Receiver Modules for Remote Control Systems
13-Mar-12
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com