Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSOP22..WE1 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TSOP22..WE1
Description  IR Receiver Modules for Remote Control Systems
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP22..WE1 Datasheet(HTML) 4 Page - Vishay Siliconix

  TSOP22..WE1 Datasheet HTML 1Page - Vishay Siliconix TSOP22..WE1 Datasheet HTML 2Page - Vishay Siliconix TSOP22..WE1 Datasheet HTML 3Page - Vishay Siliconix TSOP22..WE1 Datasheet HTML 4Page - Vishay Siliconix TSOP22..WE1 Datasheet HTML 5Page - Vishay Siliconix TSOP22..WE1 Datasheet HTML 6Page - Vishay Siliconix TSOP22..WE1 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
4
Document Number 82092
Rev. 1.6, 31-Jan-05
TSOP22..WE1
Vishay Semiconductors
Figure 7. Sensitivity vs. Supply Voltage Disturbances
Figure 8. Sensitivity vs. Electric Field Disturbances
Figure 9. Max. Envelope Duty Cycle vs. Burstlength
0.0
0.5
1.0
1.5
2.0
0.1
1.0
10.0
100.0
1000.0
DVsRMS – AC Voltage on DC Supply Voltage (mV)
16912
f = fo
f = 10 kHz
f = 1 kHz
f = 100 Hz
0.0
0.4
0.8
1.2
1.6
0.0
0.4
0.8
1.2
2.0
E – Field Strength of Disturbance ( kV/m )
2.0
94 8147
1.6
f(E) = f0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
20
40
60
80
100
120
Burst Length ( number of cycles / burst )
16913
f = 38 kHz, Ee = 2 mW/m2
Figure 10. Sensitivity vs. Ambient Temperature
Figure 11. Relative Spectral Sensitivity vs. Wavelength
Figure 12. Directivity
0.0
0.1
0.2
0.3
0.4
0.5
0.6
–30 –15
0
1530
45607590
Tamb – Ambient Temperature ( C )
16918
Sensitivity in dark ambient
0.0
0.2
0.4
0.6
0.8
1.0
1.2
750
850
950
1050
1150
λ - Wavelength ( nm )
16919
96 12223p2
0.4
0.2
0
0.2
0.4
0.6
0.6
0.9
0
30
10
20
40
50
60
70
80
1.0
0.8
0.7
drel – Relative Transmission Distance



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com