Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS055100 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DS055100
Description  RF Power Feed-Through Capacitors with Band Conductor, Class 1 Ceramic
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DS055100 Datasheet(HTML) 1 Page - Vishay Siliconix

  DS055100 Datasheet HTML 1Page - Vishay Siliconix DS055100 Datasheet HTML 2Page - Vishay Siliconix DS055100 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DS 055100
www.vishay.com
Vishay Draloric
Revision: 03-Sep-15
1
Document Number: 22146
For technical questions, contact: powcap@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RF Power Feed-Through Capacitors
with Band Conductor, Class 1 Ceramic
MATERIAL
Capacitor elements made from class 1 ceramic dielectric
with noble metal electrodes.
Connection terminals:
made from copper / brass, silver plated
FINISH
Capacitor body completely protective lacquered.
The contoured insulating rims are additionally glazed.
MARKING
Type designator, capacitance value and tolerance, rated
peak voltage, ceramic material code, production date code,
manufacturer logo
FEATURES
• Small size
• Geometry minimizes inductance
• High feed-through currents
APPLICATIONS
Filtering purposes in industrial and medical RF power
equipment, where high voltages and high feed-through
currents are required
CAPACITANCE RANGE
1.0 nF
CAPACITANCE TOLERANCE
± 20 %; ± 10 %; ± 5 %
CERAMIC DIELECTRICS
R85 (TCC - 750 ppm/K)
RATED VOLTAGE
12.0 kVp
DIELECTRIC STRENGTH TEST
200 % of rated AC voltage (50 Hz, 5 minutes)
DISSIPATION FACTOR
Max. 0.05 %
Measuring frequencies:
300 kHz or 100 kHz
INSULATION RESISTANCE
Min. 100 000 M
 (at 25 °C)
OPERATING TEMPERATURE RANGE
-55 °C to +100 °C
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Ceramic Class
1
Ceramic Dielectric
R85
Type
DS 055100
Voltage (Vp)
12 000
Min. Capacitance (pF)
1000
Max. Capacitance (pF)
1000
Mounting
Screw terminal


Similar Part No. - DS055100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DS055100 VISHAY-DS055100 Datasheet
156Kb / 3P
Feed-Through Capacitors with Band Conductor
21-Jan-02
More results

Similar Description - DS055100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DS030070 VISHAY-DS030070 Datasheet
156Kb / 3P
Feed-Through Capacitors with Band Conductor
21-Jan-02
DB016030 VISHAY-DB016030 Datasheet
101Kb / 5P
RF Power Feed-Through Capacitors with Conductor Rod, Class 1 Ceramic
14-Sep-15
DB030088 VISHAY-DB030088 Datasheet
108Kb / 6P
RF Power Feed-Through Capacitors with Conductor Rod, Class 1 Ceramic
14-Sep-15
DB045120 VISHAY-DB045120 Datasheet
115Kb / 6P
RF Power Feed-Through Capacitors with Conductor Rod, Class 1 Ceramic
14-Sep-15
DB050110 VISHAY-DB050110 Datasheet
99Kb / 4P
RF Power Feed-Through Capacitors with Conductor Rod, Class 1 Ceramic
26-Feb-16
DB055135HQ VISHAY-DB055135HQ Datasheet
93Kb / 4P
RF Power Feed-Through Capacitors with Conductor Rod, Class 1, R16 HQ Ceramic Dielectric
02-Sep-15
DBF050166HQ VISHAY-DBF050166HQ Datasheet
83Kb / 4P
RF Power Feed-Through Capacitors with Conductor Rod, Class 1, R16 HQ Ceramic Dielectric
02-Sep-15
DWA045120 VISHAY-DWA045120 Datasheet
97Kb / 5P
RF Power Feed-Through Capacitors with Mounting Tags, Class 1 Ceramic
04-Sep-15
DBZ012058 VISHAY-DBZ012058_15 Datasheet
80Kb / 3P
RF Power Feed-Through Capacitors with Screw Terminals, Class 1 Ceramic
02-Sep-15
DS030070 VISHAY-DS030070_15 Datasheet
102Kb / 4P
RF Power Feed-Through Capacitors with Band Conductor, Class 1 Ceramic
03-Sep-15
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com