Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS055100 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DS055100
Description  RF Power Feed-Through Capacitors with Band Conductor, Class 1 Ceramic
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DS055100 Datasheet(HTML) 2 Page - Vishay Siliconix

  DS055100 Datasheet HTML 1Page - Vishay Siliconix DS055100 Datasheet HTML 2Page - Vishay Siliconix DS055100 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS 055100
www.vishay.com
Vishay Draloric
Revision: 03-Sep-15
2
Document Number: 22146
For technical questions, contact: powcap@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• ## 14th to 15th digit: capacitance tolerance code ± 20 % = 38, ± 10 % = 36, ± 5 % = 33
(1) The surface temperature during operation must not exceed +100 °C
(2) DC or low frequency RMS current (< 20 kHz)
SAP PART NUMBER AND ELECTRICAL DATA
PART NUMBER
CERAMIC
CAP.
VALUES
(pF)
RATED
VOLTAGE
(kVP)
RATED
POWER (1)
(kvar)
RATED
CURRENT
(ARMS)
FEED-THROUGH
CURRENT (2)
(A)
DS055100WF102##BJ1
R85
1000
12
60
30
30
DIMENSIONS in millimeters (inches)
DERATING DIAGRAM
RELATED DOCUMENTS
General Information
www.vishay.com/doc?22071
1.0 (0.039)
100 (3.94)
150.0 ± 0.3 (5.906 ± 0.012)
170 ± 1 (6.69 ± 0.04)
100.0 ± 0.5
(3.937 ± 0.020)
86.0 ± 0.5
(3.386 ± 0.020)
20 x 2.0
(0.79 x 0.079)
35 ± 1
(1.38 ± 0.04)
Ø 5.5 + 0.2
(0.217 + 0.008 Dia.)
Ø 8.5 + 0.2
(0.335 + 0.008 Dia.)
==
60°
60°
0.1
1
10
100
0.1
1
10
100
I
g (ARMS)
Q
g (kvar)
Ug (kV
p)
0.01
0.1
1
10
100
Frequency (MHz)
U
g
Q
g
I
g
2.39 MHz
0.13 MHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com