Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1430-1 Datasheet(PDF) 1 Page - API Technologies Corp

Part # 1430-1
Description  Rugged injection molded connector
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

1430-1 Datasheet(HTML) 1 Page - API Technologies Corp

  1430-1 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
5305 Spectrum Drive, Frederick, MD 21703-7362
s TEL: 301-846-9222, 800-638-2048 s Fax: 301-846-9116
web: www.weinschel
.apitech.com s email: weinschel-sales@apitech.com
112
Revision Date:
08/03/2016
Terminations & Loads
Model 1430
dc to 18.0 GHz
Medium Power, N & 3.5mm Connectors
50 Watts
Convection Cooled
Features
o Designed to meet environmental requirements
of MIL-D-39030.
o Rugged injection molded connector.
o 1 Kilowatt Peak Power
Specifications
NOMINAL IMPEDANCE: 50
Ω
FREQUENCY RANGE:
dc to 18.0 GHz
CONSTRUCTION: Black, finned aluminum body, stainless
steel connector; gold plated beryllium copper female
contact or stainless steel male contact.
WEIGHT: 175 g (6 oz)
PHYSICAL DIMENSIONS:
MAXIMUM SWR:
Frequency (GHz)
SWR
dc - 8
1.15
8 - 18
1.30
POWER RATING: 50 watts average (mounted horizon-
tally assuming unobstructed air flow and natural
convection around unit) @ 25°C ambient temperature,
derated linearly to 5 watts @ 125°C. 1 kilowatt peak
(5
μsec pulse width; 2.5% duty cycle).
INTERMODULATION (Model 1430-X-LIM Only):
IM3
(Reflected) = -100 dBc with two input signals @ 869 MHz
and 891 MHz with an average power of +43 dBm each.
TEMPERATURE RANGE: -55°C to +125°C
TEST DATA: Swept data plots of SWR from 50 MHz to
18 GHz is available at additional cost.
CONNECTOR: Type N connector - mate nondestructively
with MIL-C-39012 connector. Choice of male (-4) or female
connector (-3).
3.5mm connector mate nondestructively with SMA per MIL-
C-39012, 2.92mm and other 3.5mm connector. Choice of
male (-2) or female connector (-1).
NOTE: All dimensions are given in mm (inches) and are
maximum, unless otherwise specified.
MODEL NUMBER DESCRIPTION:
Example:
1430 - X - LIM
Model #
DIM A
Connector Type
1430-1
13.2 (0.52)
3.5mm female
1430-2
14.0 (0.55)
3.5mm male
1430-3
18.3 (0.72)
N female
1430-4
23.1 (0.91)
N male
Basic
Model
Number
Connector
Option
IM Option*
* Add -LIM to entire model number for Low Intermodulation option.
RoHS


Similar Part No. - 1430-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1430-1 ETC2-1430-1 Datasheet
485Kb / 1P
MICRO PINS
logo
CnC Tech, LLC
1430-18-1-0500-001-1-TS CNC-1430-18-1-0500-001-1-TS Datasheet
174Kb / 1P
UL1430 XLPVC Wire 105°C 300V (18AWG)
1430-18-1-0500-002-1-TS CNC-1430-18-1-0500-002-1-TS Datasheet
174Kb / 1P
UL1430 XLPVC Wire 105°C 300V (18AWG)
1430-18-1-0500-003-1-TS CNC-1430-18-1-0500-003-1-TS Datasheet
174Kb / 1P
UL1430 XLPVC Wire 105°C 300V (18AWG)
1430-18-1-0500-004-1-TS CNC-1430-18-1-0500-004-1-TS Datasheet
174Kb / 1P
UL1430 XLPVC Wire 105°C 300V (18AWG)
More results

Similar Description - 1430-1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L584 STMICROELECTRONICS-L584 Datasheet
178Kb / 13P
MULTIFUNCTION INJECTION INTERFACE
Nov-1988
logo
P-tec Corporation
PLSO-LM3528-12-3X P-TEC-PLSO-LM3528-12-3X Datasheet
291Kb / 4P
LED INJECTION MODULES
logo
Amphenol Corporation
NR-3023 AMPHENOL-NR-3023 Datasheet
1Mb / 2P
Rugged Environment Connector
logo
Laird Tech Smart Techno...
EXR LSTD-EXR Datasheet
721Kb / 1P
Injection molded high performance flexible cable antenna
WXR LSTD-WXR Datasheet
1Mb / 1P
Injection molded high performance flexible cable antenna
EXE LSTD-EXE Datasheet
734Kb / 1P
Injection molded 쩌 wave helical antenna
logo
Bothhand USA, LP.
ST1LLF BOTHHAND-ST1LLF Datasheet
179Kb / 2P
Lead Frame & Injection Technology
logo
API Technologies Corp
1431 APITECH-1431 Datasheet
512Kb / 1P
Rugged injection molded connector
1469A APITECH-1469A Datasheet
437Kb / 2P
Rugged connector design
1475 APITECH-1475 Datasheet
488Kb / 1P
Quality injection molded connectors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com