Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS3L02AQ Datasheet(PDF) 3 Page - STMicroelectronics

Part # LIS3L02AQ
Description  INERTIAL SENSOR: 3Axis - 2g/6g LINEAR ACCELEROMETER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3L02AQ Datasheet(HTML) 3 Page - STMicroelectronics

  LIS3L02AQ Datasheet HTML 1Page - STMicroelectronics LIS3L02AQ Datasheet HTML 2Page - STMicroelectronics LIS3L02AQ Datasheet HTML 3Page - STMicroelectronics LIS3L02AQ Datasheet HTML 4Page - STMicroelectronics LIS3L02AQ Datasheet HTML 5Page - STMicroelectronics LIS3L02AQ Datasheet HTML 6Page - STMicroelectronics LIS3L02AQ Datasheet HTML 7Page - STMicroelectronics LIS3L02AQ Datasheet HTML 8Page - STMicroelectronics LIS3L02AQ Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3/9
LIS3L02AQ
Table 3. Electrical Characteristics
(Temperature range -40°C to +85°C) All the parameters are specified @ Vdd =3.3V, T=25°C unless
otherwise noted
Symbol
Parameter
Test Condition
Min.
Typ.1
Max.
Unit
Vdd
Supply voltage
2.4
3.3
3.6
V
Idd
Supply current
mean value
PD pin connected
to GND
0.85
1.5
mA
IddPdn
Supply current in Power Down
Mode
rms value
PD pin connected
to Vdd
25
µA
Voff
Zero-g level2
T = 25°C
Vdd/2-10%
Vdd/2
Vdd/2+10%
V
OffDr
Zero-g level Vs temperature
Delta from +25°C
±1.5
mg/°C
Ar
Acceleration range3
FS pin connected
to GND
±1.8
±2.0
g
FS pin connected
to Vdd
±5.4
±6.0
g
So
Sensitivity2
Full-scale = 2g
Vdd/5–10%
Vdd/5
Vdd/5+10%
V/g
Full-scale = 6g
Vdd/15–10%
Vdd/15
Vdd/15+10%
V/g
SoDr
Sensitivity drift Vs
temperature
Delta from +25°C
±0.01
%/°C
NL
Non Linearity4
Best fit straight line
Full-scale = 2g
X, Y axis
±0.3
±1.5
% FS
Best fit straight
line;
Full-scale = 2g
Z axis
±0.6
±2% FS
CrossAx
Cross-Axis5
±2
±4%
fuc
Sensing Element Resonant
Frequency6
X, Y axis
3.2
4.0
4.8
KHz
Z axis
1.8
2.5
3.2
KHz
an
Acceleration noise density
Vdd=3.3V;
Full-scale = 2g
50
µg/
Vt
Self test output voltage delta
change7,8,9
T = 25°C
Vdd=3.3V
Full-scale = 2g
X axis
-20
-40
mV
T = 25°C
Vdd=3.3V
Full-scale = 2g
Y axis
20
40
mV
T = 25°C
Vdd=3.3V
Full-scale = 2g
Z axis
20
50
mV
Hz



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com