Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS3L02AQ Datasheet(PDF) 4 Page - STMicroelectronics

Part # LIS3L02AQ
Description  INERTIAL SENSOR: 3Axis - 2g/6g LINEAR ACCELEROMETER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3L02AQ Datasheet(HTML) 4 Page - STMicroelectronics

  LIS3L02AQ Datasheet HTML 1Page - STMicroelectronics LIS3L02AQ Datasheet HTML 2Page - STMicroelectronics LIS3L02AQ Datasheet HTML 3Page - STMicroelectronics LIS3L02AQ Datasheet HTML 4Page - STMicroelectronics LIS3L02AQ Datasheet HTML 5Page - STMicroelectronics LIS3L02AQ Datasheet HTML 6Page - STMicroelectronics LIS3L02AQ Datasheet HTML 7Page - STMicroelectronics LIS3L02AQ Datasheet HTML 8Page - STMicroelectronics LIS3L02AQ Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
LIS3L02AQ
4/9
Notes: 1. Typical specifications are not guaranteed
2. Offset and sensitivity are essentially ratiometric to supply voltage
3. Guaranteed by wafer level test and measurement of initial offset and sensitivity
4. Guaranteed by design through measurements done up to 1g
5. Contribution to the measuring output of the inclination/acceleration along the perpendicular axis
6. Guaranteed by design
7. Self test “output voltage delta change” is defined as Vout(Vst=Logic1)-Vout(Vst=Logic0)
8. Self test “output voltage delta change” varies cubically with supply voltage
9. When full-scale is set to 6g, self-test “output delta change” is one third of the specified value
10.Bandwidth=1/(2*
π*110KΩ*Cload)
ABSOLUTE MAXIMUM RATING
Stresses above those listed as “absolute maximum ratings” may cause permanent damage to the device. This
is a stress rating only and functional operation of the device under these conditions is not implied. Exposure to
maximum rating conditions for extended periods may affect device reliability.
Table 4. Absolute Maximum Rating
Vst
Self test input
Logic 0 level
0
0.8
V
Logic 1 level
2.2
Vdd
V
Rout
Output impedance
80
110
140
k
Ω
Cload
Capacitive load drive10
320
pF
Ton
Turn-On Time at exit from
Power Down mode
Cload in
µF
550*Cload
+0.3
ms
Symbol
Ratings
Maximum Value
Unit
Vdd
Supply voltage
-0.3 to 7
V
Vin
Input voltage on any control pin (FS, PD, ST)
-0.3 to Vdd +0.3
V
APOW
Acceleration (Any axis, Powered, Vdd=3.3V)
3000g for 0.5 ms
10000g for 0.1 ms
AUNP
Acceleration (Any axis, Unpowered)
3000g for 0.5 ms
10000g for 0.1 ms
TOP
Operating Temperature Range
-40 to +85
°C
TSTG
Storage Temperature Range
-40 to +105
°C
ESD
Electrostatic discharge protection
2KV HBM
Table 3. Electrical Characteristics (continued)
(Temperature range -40°C to +85°C) All the parameters are specified @ Vdd =3.3V, T=25°C unless
otherwise noted
Symbol
Parameter
Test Condition
Min.
Typ.1
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com