Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1018317 Datasheet(PDF) 2 Page - SICK AG

Part # 1018317
Description  PHOTOELECTRIC SENSORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1018317 Datasheet(HTML) 2 Page - SICK AG

  1018317 Datasheet HTML 1Page - SICK AG 1018317 Datasheet HTML 2Page - SICK AG 1018317 Datasheet HTML 3Page - SICK AG 1018317 Datasheet HTML 4Page - SICK AG 1018317 Datasheet HTML 5Page - SICK AG 1018317 Datasheet HTML 6Page - SICK AG 1018317 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
WT24-2R518 | W24-2
PHOTOELECTRIC SENSORS
Illustration may differ
Ordering information
Type
Part no.
WT24-2R518
1018317
Other models and accessories
www.sick.com/W24-2
Detailed technical data
Features
Sensor/ detection principle
Photoelectric proximity sensor, Background suppression
Dimensions (W x H x D)
27 mm x 87.5 mm x 65 mm
Housing design (light emission)
Rectangular
Sensing range max.
100 mm ... 2,500 mm 1)
Sensing range
100 mm ... 2,500 mm 1)
Type of light
Infrared light
Light source
LED 2)
Light spot size (distance)
Ø 80 mm (2,500 mm)
Adjustment
PotentiometerPotentiometer
1) Object with 90 % reflectance (referred to standard white, DIN 5033).
2) Average service life: 100,000 h at TU = +25 °C.
Communication interface
Communication interface
-
Mechanics/electronics
Supply voltage
20 V AC/DC ... 250 V AC/DC 1)
Power consumption
< 2 VA
Output type
Relay, electrically isolated 2)
Output function
Change-over contacts
Switching mode
Light/dark switching 2)
1) Limit values; permitted cross-section: 0.14 ... 1.5 mm2.
2) Provide suitable spark suppression for inductive or capacitive loads.
3) With light/dark ratio 1:1.
4) A = VS connections reverse-polarity protected.
5) C = interference suppression.
6) Rated voltage: 250 V AC/DC.
2
PHOTOELECTRIC SENSORS | SICK
Online data sheet | 2017-11-09 11:23:44
Subject to change without notice



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com