Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1018317 Datasheet(PDF) 5 Page - SICK AG

Part # 1018317
Description  PHOTOELECTRIC SENSORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1018317 Datasheet(HTML) 5 Page - SICK AG

  1018317 Datasheet HTML 1Page - SICK AG 1018317 Datasheet HTML 2Page - SICK AG 1018317 Datasheet HTML 3Page - SICK AG 1018317 Datasheet HTML 4Page - SICK AG 1018317 Datasheet HTML 5Page - SICK AG 1018317 Datasheet HTML 6Page - SICK AG 1018317 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
WT24-2R518 | W24-2
PHOTOELECTRIC SENSORS
Sensing range diagram
WT24-2, infrared light
30
1,300
30
1,800
30
2,500
0
400
(15.75)
800
(31.5)
1,200
(47.24)
1,600
(62.99)
2,000
(78.74)
2,400
(94.49)
2,800
(110.24)
1
2
3
Distance in mm (inch)
Sensing range
①  Sensing range on black, 6% remission
②  Sensing range on gray, 18 % remission
③  Sensing range on white, 90% remission
Dimensional drawing (Dimensions in mm (inch))
WT24-2
27
(1.06)
10
(0.39)
M5
11.8
(0.46)
30 (1.18)
65 (2.56)
1
2
8
9
14
(0.55)
17.5
(0.69)
7
3
4
5
6
9
①  Alignment sight
②  LED signal strength indicator
③  Standard direction of the material being detected
④  Center of optical axis, sender
⑤  Center of optical axis, receiver (close range)
⑥  Center of optical axis, receiver (far range)
⑦  M5 threaded mounting hole, 6 mm deep
⑧  M5 threaded mounting hole, through-hole
⑨  M16 screw fixing and plug rotatable by 90°
2017-11-09 11:23:44 | Online data sheet
Subject to change without notice
PHOTOELECTRIC SENSORS | SICK
5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com