Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ODiSI6100-R Datasheet(PDF) 8 Page - A-Data Technology

Part # ODiSI6100-R
Description  Optical Distributed Sensor Interrogator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-DATA [A-Data Technology]
Direct Link  https://www.adata.com
Logo A-DATA - A-Data Technology

ODiSI6100-R Datasheet(HTML) 8 Page - A-Data Technology

  ODiSI6100-R Datasheet HTML 1Page - A-Data Technology ODiSI6100-R Datasheet HTML 2Page - A-Data Technology ODiSI6100-R Datasheet HTML 3Page - A-Data Technology ODiSI6100-R Datasheet HTML 4Page - A-Data Technology ODiSI6100-R Datasheet HTML 5Page - A-Data Technology ODiSI6100-R Datasheet HTML 6Page - A-Data Technology ODiSI6100-R Datasheet HTML 7Page - A-Data Technology ODiSI6100-R Datasheet HTML 8Page - A-Data Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
ODiSI 6100
www.lunainc.com | 3155 State Street, Blacksburg VA | Support phone: 1.866.586.2682 | solutions@lunainc.com
ORDERING INFORMATION
Catalog Number
Description
Includes
ODiSI 6100
ODiSI 6100-R
ODiSI 6100 Multi-channel Distributed Sensing
Instrument. -R denotes rack mount option.
Instrument controller, one channel enabled, HD
standard length mode (2.5m, 5m, 10m sensor
lengths), one 50m stand-off cable, one remote
module (to connect sensors), and ruggedized
shipping case.
OPT6100-N
N additional ODiSI 6100 channels up to 7
Includes 50m standoff cable and remote mod-
ule for each channel.
OPT6110
High Speed CFG Option
Adds high speed continuous fiber grating sen-
sor option to all active channels. Includes one
remote module.
OPT6115
Extended Range Option
Adds 20m and 50m HD sensing option on all
active channels. Note: only 4 channels can be
active simultaneously. Includes one remote
module.
OPT6120
Rayleigh (HD) Accelerator
Increases measurement rates in HD/
Rayleigh mode for 2.5m, 5m, and 10m
modes up to 250Hz, 160Hz and 100 Hz.
Includes Thunderbolt® 3 Expansion Chassis
and Accelerator Card.
Catalog Number
Sensors Description
HDSXXLC220P
XXm HD strain sensor, LC2+connector, Polyimide coating, 220 °C
HDSXXLC300P
XXm HD strain sensor, LC2+connector, Polyimide coating, 300 °C
HSSXXLC200C
XXm HS CFG strain sensor, LC2+connector, Polyimide coating, 200 °C
HDTXXLC220P
XXm HD temperature sensors with Teflon sleeving, 220 °C
LTODiSI6 Rev.1 10/20/17
Luna Sales and Support Contact Information
United States, Canada, South America
Europe, Middle East, Africa
Asia Pacific
1.866.LUNA OVA (866.586.2682)
solutions@lunainc.com
+44 (0)131 666 9044
+86 135 0127 7739



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com