Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ODiSI6100-R Datasheet(PDF) 1 Page - A-Data Technology

Part # ODiSI6100-R
Description  Optical Distributed Sensor Interrogator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-DATA [A-Data Technology]
Direct Link  https://www.adata.com
Logo A-DATA - A-Data Technology

ODiSI6100-R Datasheet(HTML) 1 Page - A-Data Technology

  ODiSI6100-R Datasheet HTML 1Page - A-Data Technology ODiSI6100-R Datasheet HTML 2Page - A-Data Technology ODiSI6100-R Datasheet HTML 3Page - A-Data Technology ODiSI6100-R Datasheet HTML 4Page - A-Data Technology ODiSI6100-R Datasheet HTML 5Page - A-Data Technology ODiSI6100-R Datasheet HTML 6Page - A-Data Technology ODiSI6100-R Datasheet HTML 7Page - A-Data Technology ODiSI6100-R Datasheet HTML 8Page - A-Data Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DEFY ING
IMPOSSIBLE
www.lunainc.com | 3155 State Street, Blacksburg VA | Support phone: 1.866.586.2682 | solutions@lunainc.com
ODiSI 6100
Optical Distributed Sensor Interrogator
The ODiSI is a 21st century
strain and temperature
measurement system
specifically designed to
address the test challenges
of 21st century advanced
materials and systems.
The ODiSI provides more than 1000 strain or temperature measurements
per meter of a single high definition fiber sensor. The high definition data
can fully map the contour of strain or temperature for a structure under test.
KEY FEATURES
• Multichannel measurements of strain -
multiplex up to 200,000 measurement
locations
• Flexible, lightweight and easy to install
sensors reduce time to first measurement
• Passive, corrosion resistant, dielectric,
flexible sensors go where other sensors
can’t - in bends, around corners,
embedded inside materials
• Long sensor life - no drift or recalibration
required, cycle counts >107
• Large strain range and high resolution
allow for mapping of complex strain
fields and large strain gradients
APPLICATIONS
• Characterize strain on/in new materials
and complex structures
• Profile temperature in-situ to maximize
the efficiency of critical processes
• Measure two- and three-dimensional
strain fields to validate FE models
• Evaluate multi-material joining
• Embed sensors within materials to
create “smart parts”
The sensor is flexible, low profile, requires no electrical source, and can be
bonded to sharply curved surfaces, embedded within structures, or mounted
directly to electrical surfaces.
An automotive frame is instrumented with fiber and then tested
under load. Test data is then superimposed on the CAD model.


Similar Part No. - ODiSI6100-R

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
ODISI-B A-DATA-ODISI-B Datasheet
394Kb / 2P
Optical Distributed
logo
List of Unclassifed Man...
ODISI-B5.0 ETC2-ODISI-B5.0 Datasheet
536Kb / 2P
Sensor lengths up to 20 meters and gage lengths as low as 1.3 mm
More results

Similar Description - ODiSI6100-R

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NIPXIE-4884 NI-NIPXIE-4884 Datasheet
219Kb / 6P
Optical Sensor Interrogator
logo
Lite-On Technology Corp...
LTR-553ALS-01 LITEON-LTR-553ALS-01 Datasheet
727Kb / 41P
Optical Sensor
LTR-556ALS-01 LITEON-LTR-556ALS-01 Datasheet
724Kb / 40P
Optical Sensor
LTR-559ALS-01 LITEON-LTR-559ALS-01 Datasheet
726Kb / 41P
Optical Sensor
LTR-578ALS-01 LITEON-LTR-578ALS-01 Datasheet
1Mb / 42P
Optical Sensor
LTR-91400 LITEON-LTR-91400 Datasheet
1Mb / 45P
Optical Sensor
logo
Sensortechnics GmbH
LD83O6S-A SENSORTECHNICS-LD83O6S-A Datasheet
1Mb / 4P
Optical Sensor
logo
A-Data Technology
ODISI-B A-DATA-ODISI-B Datasheet
394Kb / 2P
Optical Distributed
logo
Lite-On Technology Corp...
LTR-706PS-01 LITEON-LTR-706PS-01 Datasheet
973Kb / 36P
Optical Sensor
LTR-329ALS-01 LITEON-LTR-329ALS-01 Datasheet
801Kb / 28P
Optical Sensor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com