Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9432 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9432
Description  12-Bit, 80 MSPS/105 MSPS ADC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9432 Datasheet(HTML) 5 Page - Analog Devices

  AD9432 Datasheet HTML 1Page - Analog Devices AD9432 Datasheet HTML 2Page - Analog Devices AD9432 Datasheet HTML 3Page - Analog Devices AD9432 Datasheet HTML 4Page - Analog Devices AD9432 Datasheet HTML 5Page - Analog Devices AD9432 Datasheet HTML 6Page - Analog Devices AD9432 Datasheet HTML 7Page - Analog Devices AD9432 Datasheet HTML 8Page - Analog Devices AD9432 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
AD9432
Rev. F | Page 4 of 16
Parameter
Temp
Test
80 MSPS
105 MSPS
Level
Min
Typ
Max
Min
Typ
Max
Unit
POWER SUPPLY
Power Dissipation3
Full
VI
790
1000
850
1100
mW
IVCC
Full
VI
158
200
170
220
mA
IVDD
Full
VI
9.5
12.2
12.5
16
mA
Power Supply Rejection Ratio
(PSRR)
25°C
I
−5
+0.5
+5
−5
+0.5
+5
mV/V
DYNAMIC PERFORMANCE4
Signal-to-Noise Ratio (SNR)
(Without Harmonics)
fIN = 10 MHz
25°C
I
65.5
67.5
65.5
67.5
dB
fIN = 40 MHz
25°C
I
65
67.2
67.2
dB
fIN = 49 MHz
25°C
I
67.0
64
67.0
dB
fIN = 70 MHz
25°C
V
66.1
66.1
dB
Signal-to-Noise and Distortion
(SINAD) Ratio (with Harmonics)
fIN = 10 MHz
25°C
I
65
67.2
65
67.2
dB
fIN = 40 MHz
25°C
I
64.5
66.9
66.9
dB
fIN = 49 MHz
25°C
I
66.7
63
66.7
dB
fIN = 70 MHz
25°C
V
65.8
65.8
dB
Effective Number of Bits (ENOB)
fIN = 10 MHz
25°C
V
11.0
11.0
Bits
fIN = 40 MHz
25°C
V
10.9
10.9
Bits
fIN = 49 MHz
25°C
V
10.9
10.9
Bits
fIN = 70 MHz
25°C
V
10.7
10.7
Bits
Second-Order and Third-Order
Harmonic Distortion
fIN = 10 MHz
25°C
I
−75
−85
−75
−85
dBc
fIN = 40 MHz
25°C
I
−73
−85
−83
dBc
fIN = 49 MHz
25°C
I
−83
−72
−80
dBc
fIN = 70 MHz
25°C
V
−80
−78
dBc
Worst Other Harmonic or Spur
(Excluding Second-Order and
Third-Order Harmonics)
fIN = 10 MHz
25°C
I
−80
−90
−80
−90
dBc
fIN = 40 MHz
25°C
I
−80
−90
−90
dBc
fIN = 49 MHz
25°C
I
−90
−80
−90
dBc
fIN = 70 MHz
25°C
V
−90
−90
dBc
Two-Tone Intermodulation
Distortion (IMD)
fIN1 = 29.3 MHz; fIN2 = 30.3 MHz
25°C
V
−75
−75
dBc
fIN1 = 70.3 MHz; fIN2 = 71.3 MHz
25°C
V
−66
−66
dBc
1 Gain error and gain temperature coefficients are based on the ADC only (with a fixed 2.5 V external reference and a 2 V p-p differential analog input).
2 tV and tPD are measured from the transition points of the ENCODE input to the 50%/50% levels of the digital output swing. The digital output load during testing is not
to exceed an ac load of 10 pF or a dc current of ±40 μA. Rise and fall times are measured from 10% to 90%.
3 Power dissipation measured with encode at rated speed and a dc analog input (outputs static, IVDD = 0).
4 SNR/harmonics based on an analog input voltage of –0.5 dBFS referenced to a 2 V full-scale input range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com