Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9432 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9432
Description  12-Bit, 80 MSPS/105 MSPS ADC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9432 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9432 Datasheet HTML 9Page - Analog Devices AD9432 Datasheet HTML 10Page - Analog Devices AD9432 Datasheet HTML 11Page - Analog Devices AD9432 Datasheet HTML 12Page - Analog Devices AD9432 Datasheet HTML 13Page - Analog Devices AD9432 Datasheet HTML 14Page - Analog Devices AD9432 Datasheet HTML 15Page - Analog Devices AD9432 Datasheet HTML 16Page - Analog Devices AD9432 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
AD9432
Rev. F | Page 15 of 16
APPLICATIONS INFORMATION
USING THE AD8138 TO DRIVE THE AD9432
The AD8138 differential output op amp can be used to drive the
AD9432 in dc-coupled applications. The AD8138 was specifically
designed for ADC driver applications. Superior SNR performance
is maintained up to analog frequencies of 30 MHz. The AD8138
op amp provides single-ended-to-differential conversion, which
allows for a low cost alternative to transformer coupling for ac
applications, as well.
The circuit in Figure 29 was breadboarded, and the measured
performance is shown in Figure 30 and Figure 31. These figures
are for ±5 V supplies at the AD8138; with a single 5 V supply at
the AD8138, performance dropped by about 1 dB to 2 dB.
Figure 30 shows SNR and SINAD for a −1 dBFS analog input
frequency varied from 2 MHz to 40 MHz with an encode rate
of 105 MSPS. The measurements are for nominal conditions
at room temperature. Figure 31 shows the second-order and
third-order harmonic distortion performance under the same
conditions.
The dc common-mode voltage for the AD8138 outputs can be
adjusted via the VOCM input to provide the 3 V common-mode
voltage that the AD9432 inputs require.
AD8138
AD9432
10pF
0.1µF
25Ω
500Ω
500Ω
50Ω
50Ω
50Ω
2kΩ
3kΩ
5V
500Ω
VIN
AIN
AIN
VOCM
10pF
500Ω
22pF
Figure 29. AD8138/AD9432 Schematic
AIN (MHz)
020
40
62
63
64
65
66
61
60
60
SNR
SINAD
Figure 30. Measured SNR and SINAD (Encode = 105 MSPS)
AIN (MHz)
020
40
–90
–80
60
–70
–100
H2
H3
Figure 31. Measured Second-Order and Third-Order Harmonic Distortion
(Encode = 105 MSPS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com