Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT4351CMS Datasheet(PDF) 15 Page - Linear Technology

Part # LT4351CMS
Description  MOSFET Diode-OR Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4351CMS Datasheet(HTML) 15 Page - Linear Technology

Back Button LT4351CMS Datasheet HTML 11Page - Linear Technology LT4351CMS Datasheet HTML 12Page - Linear Technology LT4351CMS Datasheet HTML 13Page - Linear Technology LT4351CMS Datasheet HTML 14Page - Linear Technology LT4351CMS Datasheet HTML 15Page - Linear Technology LT4351CMS Datasheet HTML 16Page - Linear Technology LT4351CMS Datasheet HTML 17Page - Linear Technology LT4351CMS Datasheet HTML 18Page - Linear Technology LT4351CMS Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
LT4351
15
sn4351 4351fs
APPLICATIO S I FOR ATIO
The die junction temperature is then computed as:
TJ = TA + θJA • PTOTAL
where TJ is the die junction temperature, TA is the ambient
temperature,
θJA is the thermal resistance of the part
(120
°C/W) and PTOTAL is ascertained from the above.
Therefore, a 0.1W power dissipation causes a 12 degree
temperature rise above ambient.
Design Example
The following demonstrates the calculations involved for
setting design components for a 5V system that requires
5A. Two supplies are used to do this. The VIN supply will
be deemed in spec when it is within
±5% of nominal. Allow
5% of hysteresis for UV.
So,
UVFAULT = 4.75V, UVHYST = 0.25V
OVFAULT = 5.5
Two separate resistive dividers are used.
For the UV divider:
R
UV
I
V
A
k Use
k
R
RV
UV
V
kV
VV
HYST
UVHYST
UV
FAULT
UV
2
025
10
25
24 9
1
2
249
03
475
0 3
==
µ
=
()
==
.
.
•
–
.• .
.– .
R1 = 1.68k. The closest 1% value is 1.69k
Figure 14. Total Power (Typical)
Figure 13. PGATE vs VIN (VDD = VIN + 10.7)
The OV resistors are set as a straight resistive divider.
If the current in the RA, RB divider is 200
µA, then:
R
R
OV
V
k
A
B
FAULT
OV
=
µ
=
= 


= 


=
0.3V
200 A
1.5k use 1.47k (1%)
then
R
R
25.48k use 25.5k
A
B
–
.
.
–.
1
55
03
11 47
For regulation, the MOSFETs must have:
R
mV
A
m
DS <=
Ω
15
25
15
•
.
This very low value cannot be accomplished with a single
set of MOSFETs so a decision must be made whether to
use multiple MOSFETs or to live with an unregulated
offset. Since low m
Ω RDS(ON) is available, the IR drop
using a single FET would still be acceptable. For RDS(ON) =
4m
Ω the drop is 2 • 5A • 4mΩ = 40mV. The finished
schematic is shown in Figure 15.
VIN (V)
0
0.002
0.003
20
4351 F13
0.001
0
5
10
15
0.004
fGATE = 1kHz
QG = 50nC
VIN (V)
0
0.10
0.12
20
4351 F14
0.08
0.06
5
10
15
0.16
0.14
L = 10
µH
L = 4.7
µH
VDD = VIN + 10
0.5mA GATE CURRENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com