Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT4351CMS Datasheet(PDF) 2 Page - Linear Technology

Part # LT4351CMS
Description  MOSFET Diode-OR Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4351CMS Datasheet(HTML) 2 Page - Linear Technology

  LT4351CMS Datasheet HTML 1Page - Linear Technology LT4351CMS Datasheet HTML 2Page - Linear Technology LT4351CMS Datasheet HTML 3Page - Linear Technology LT4351CMS Datasheet HTML 4Page - Linear Technology LT4351CMS Datasheet HTML 5Page - Linear Technology LT4351CMS Datasheet HTML 6Page - Linear Technology LT4351CMS Datasheet HTML 7Page - Linear Technology LT4351CMS Datasheet HTML 8Page - Linear Technology LT4351CMS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LT4351
2
sn4351 4351fs
VIN Voltage ............................................... – 0.3V to 19V
OUT Voltage ............................................ – 0.3V to 19V
VDD Voltage ............................................. – 0.3V to 30V
FAULT, STATUS Voltages ........................ – 0.3V to 30V
FAULT, STATUS Current ........................................ 8mA
UV, OV Voltages ........................................ – 0.3V to 9V
SW Voltage .............................................. – 0.3V to 32V
Operating Temperature Range
LT4351C .................................................. 0
°C to 70°C
LT4351I .............................................. – 40
°C to 85°C
Junction Temperature (Note 2) ............................ 125
°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER PART
NUMBER
MS PART MARKING
TJMAX = 125°C, θJA = 120°C/W
LTZZ
LTA1
LT4351CMS
LT4351IMS
(Note 1)
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
Consult LTC Marketing for parts specified with wider operating temperature ranges.
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = VOUT = 5V, VDD = 16.1V, VUV = 0.4V, VOV = 0.2V, GATE Open,
unless otherwise specified.
ELECTRICAL CHARACTERISTICS
1
2
3
4
5
GATE
VDD
VIN
SW
GND
10
9
8
7
6
OUT
STATUS
FAULT
UV
OV
TOP VIEW
MS PACKAGE
10-LEAD PLASTIC MSOP
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supply and Protection
VIN
Operating Range
q
1.2
18
V
IVIN
VIN Supply Current
VIN = 1.2V, VOUT = 1.1V, VDD = 12.3V
q
1.41
2.0
mA
VIN = 18V, VOUT = 17.9V, VDD = 29.1V
q
1.71
2.1
mA
VUV(TH)
Undervoltage Turn-Off Voltage Threshold
UV Falling
q
290
300
310
mV
IUV(HYST)
IUV Hysteresis
Difference Between IUV at VUV(TH) + 10mV
q
710
13
µA
and VUV(TH) – 10mV
IUV
UV Input Bias Current
VUV = VUV(TH) + 10mV
q
–100
–400
nA
VOV(TH)
Overvoltage Threshold
OV Rising
q
290
300
310
mV
IOV
OV Input Bias Current
VOV = VOV(TH) – 10mV
q
–100
–400
nA
VF(ON)
FAULT Pin On Voltage
IF = 5mA In Fault Condition
q
0.14
0.25
V
IF(OFF)
FAULT Pin Leakage Current
VF = 30V, VIN = 4.9V
q
0.04
1
µA
Boost Supply
VBR
Boost Regulation Trip Voltage
Measured as VDD to VIN, Rising Edge
q
10.2
10.7
11.1
V
tOFF
Boost Supply Off Time
600
ns
ISWLIM
Boost Supply Switch Current Limit
q
350
450
650
mA
Gate Drive
VIOR
Input to Output Regulated Voltage
q
415
25
mV
∆VGL
Gate Voltage Limit
VIN = 5V, VOUT = 4.9V, VDD = 13V Measured with
q
–2.3
–3
V
Respect to VDD
∆VG(MAX)
Maximum Gate Voltage
VIN = 5V, VOUT = 4.9V, VDD = 16.1V Measured with q
7
7.4
7.8
V
Respect to VOUT
VGOFF
Gate Off Voltage
VOUT = 5.1V
q
0.16
0.30
V
IGSO
Gate Source Current
VOUT = 4.9V, VGATE = 9V
0.670
A
IGSK
Gate Sink Current
VOUT = 4.9V, VGATE = 9V
0.670
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com