Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3404 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3404
Description  1.4MHz High Efficiency Monolithic Synchronous Step-Down Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3404 Datasheet(HTML) 2 Page - Linear Technology

  LTC3404 Datasheet HTML 1Page - Linear Technology LTC3404 Datasheet HTML 2Page - Linear Technology LTC3404 Datasheet HTML 3Page - Linear Technology LTC3404 Datasheet HTML 4Page - Linear Technology LTC3404 Datasheet HTML 5Page - Linear Technology LTC3404 Datasheet HTML 6Page - Linear Technology LTC3404 Datasheet HTML 7Page - Linear Technology LTC3404 Datasheet HTML 8Page - Linear Technology LTC3404 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LTC3404
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IVFB
Feedback Current
(Note 4)
q
430
nA
VFB
Regulated Output Voltage
(Note 4) 0
°C ≤ TA ≤ 85°C
0.784
0.8
0.816
V
(Note 4) – 40
°C ≤ TA ≤ 85°C
q
0.74
0.8
0.84
V
∆VOVL
Output Overvoltage Lockout
∆VOVL = VOVL – VFB
q
20
50
110
mV
∆VFB
Reference Voltage Line Regulation
VIN = 2.65V to 6V (Note 4)
0.05
0.2
%/V
VLOADREG
Output Voltage Load Regulation
Measured in Servo Loop; VITH = 0.9V to 1.2V
q
0.1
0.5
%
Measured in Servo Loop; VITH = 1.6V to 1.2V
q
– 0.1
– 0.5
%
VIN
Input Voltage Range
q
2.65
6
V
IQ
Input DC Bias Current
(Note 5)
Pulse Skipping Mode
2.65V < VIN < 6V, VSYNC/MODE = 0V, IOUT = 0A
400
700
µA
Burst Mode Operation
VSYNC/MODE = VIN, IOUT = 0A
10
15
µA
Shutdown
VRUN = 0V, VIN = 6V
0
1
µA
fOSC
Oscillator Frequency
VFB = 0.8V
q
1.25
1.4
1.65
MHz
VFB = 0V
200
kHz
fSYNC
SYNC Capture Range
1.0
1.7
MHz
IPLL LPF
Phase Detector Output Current
Sinking Capability
fPLLIN < fOSC
q
6
20
40
µA
Sourcing Capability
fPLLIN > fOSC
q
–6
–20
–40
µA
RPFET
RDS(ON) of P-Channel MOSFET
ISW = 100mA
0.5
0.7
Ω
RNFET
RDS(ON) of N-Channel MOSFET
ISW = –100mA
0.6
0.8
Ω
LTC3404EMS8
TJMAX = 125°C, θJA = 150°C/ W
ORDER PART
NUMBER
(Note 1)
Input Supply Voltage (VIN)...........................– 0.3V to 7V
ITH, PLL LPF Voltage ................................–0.3V to 2.7V
RUN, VFB Voltages ...................................... – 0.3V to VIN
SYNC/MODE Voltage .................................. – 0.3V to VIN
SW Voltage ................................... – 0.3V to (VIN + 0.3V)
P-Channel MOSFET Source Current (DC) ........... 800mA
N-Channel MOSFET Sink Current (DC) ............... 800mA
Peak SW Sink and Source Current ........................ 1.5A
Operating Ambient Temperature Range
(Note 2) .................................................. – 40
°C to 85°C
Junction Temperature (Note 3) ............................ 125
°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
1
2
3
4
8
7
6
5
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
PLL LPF
SYNC/MODE
VIN
SW
RUN
ITH
VFB
GND
MS8 PART MARKING
Consult factory for parts specified with wider operating temperature ranges.
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25°C.
VIN = 3.6V unless otherwise specified.
LTKR
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com