Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3404 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3404
Description  1.4MHz High Efficiency Monolithic Synchronous Step-Down Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3404 Datasheet(HTML) 3 Page - Linear Technology

  LTC3404 Datasheet HTML 1Page - Linear Technology LTC3404 Datasheet HTML 2Page - Linear Technology LTC3404 Datasheet HTML 3Page - Linear Technology LTC3404 Datasheet HTML 4Page - Linear Technology LTC3404 Datasheet HTML 5Page - Linear Technology LTC3404 Datasheet HTML 6Page - Linear Technology LTC3404 Datasheet HTML 7Page - Linear Technology LTC3404 Datasheet HTML 8Page - Linear Technology LTC3404 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LTC3404
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LTC3404E is guaranteed to meet performance specifications
from 0
°C to 70°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
Note 3: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formulas:
LTC3404EMS8: TJ = TA + (PD)(150°C/W)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IPK
Peak Inductor Current
VIN = 3.3V, VFB = 0.7V, Duty Cycle < 35%
0.8
1.0
1.25
A
ILSW
SW Leakage
VRUN = 0V, VSW = 0V or 6V, VIN = 6V
±0.01
±1
µA
VSYNC/MODE SYNC/MODE Threshold
VSYNC/MODE Rising
q
0.3
1.0
1.5
V
ISYNC/MODE
SYNC/MODE Leakage Current
±0.01
±1
µA
VRUN
RUN Threshold
VRUN Rising
q
0.3
0.7
1.5
V
IRUN
RUN Input Current
±0.01
±1
µA
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25°C.
VIN = 3.6V unless otherwise specified.
Note 4: The LTC3404 is tested in a feedback loop which servos VFB to the
balance point for the error amplifier (VITH = 1.2V).
Note 5: Dynamic supply current is higher due to the gate charge being
delivered at the switching frequency.
ELECTRICAL CHARACTERISTICS
TYPICAL PERFOR A CE CHARACTERISTICS
Efficiency vs Input Voltage
Efficiency vs Output Current
Efficiency vs Output Current
INPUT VOLTAGE (V)
2
75
80
5
7
3404 G01
70
60
85
65
34
6
90
95
8
Burst Mode OPERATION
VOUT = 2.5V
L = 4.7
µH
IOUT = 100mA
IOUT = 10mA
IOUT = 1mA
IOUT = 300mA
IOUT = 0.1mA
OUTPUT CURRENT (mA)
30
90
100
20
10
80
50
70
60
40
0.1
10
100
1000
3404 G02
0
1
VIN = 3.6V
VIN = 3.6V
VIN = 4.2V
VIN = 4.2V
PULSE SKIPPING MODE
Burst Mode OPERATION
VOUT = 1.8V
L = 4.7
µH
OUTPUT CURRENT (mA)
55
65
70
80
90
0.1
10
100
1000
3404 G03
1
75
60
50
85
L = 4.7
µH
L = 3.5
µH
Burst Mode OPERATION
VIN = 6V
VOUT = 2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com