Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PML50 Datasheet(PDF) 2 Page - Visual Communications Company

Part # PML50
Description  Maritime, Oil and Gas Industry
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

PML50 Datasheet(HTML) 2 Page - Visual Communications Company

  PML50 Datasheet HTML 1Page - Visual Communications Company PML50 Datasheet HTML 2Page - Visual Communications Company PML50 Datasheet HTML 3Page - Visual Communications Company PML50 Datasheet HTML 4Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Product Dimensions
The PML50 Series is available in a range of standard features and options.
To specify your Panel Mount Indicator, select one option from each column.
Product
Termination
50
Panel
Mount
Indicator
Voltage
LED
FV
Illumination
Type
Mounting
Hole
LED Color
PM
L
W
Red
White
Yellow
Blue
Green
Red/Green
B
G
R
W
Y
RG
Flex Voltage:
5 to 28 VDC
50
Part Numbers
Color
PML50RFVW
Red
PML50WFVW
White
PML50GFVW
Green
PML50BFVW
Blue
PML50YFVW
Yellow
PML50RGFVW
Red/Green
Notes:
1. All dimensions are in [millimeters] inches.
2. Tolerance is ±[0.25] 0.01 unless otherwise noted.
3. The specifications, characteristics and technical data described in the datasheet are subject to
change without prior notice.
0.688”
FV
Wire
2
your first call for illuminated components
www.vcclite.com
1.800.522.5546
03/17 Rev 1
Ordering Data
Recommended Mounting Hole
17.5
0.69
16.9
0.67
D Mounting Hole
17.5
0.69



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com