Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PML50 Datasheet(PDF) 1 Page - Visual Communications Company

Part # PML50
Description  Maritime, Oil and Gas Industry
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

PML50 Datasheet(HTML) 1 Page - Visual Communications Company

  PML50 Datasheet HTML 1Page - Visual Communications Company PML50 Datasheet HTML 2Page - Visual Communications Company PML50 Datasheet HTML 3Page - Visual Communications Company PML50 Datasheet HTML 4Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
• Low profile semi dome lenses for
uniform illumination
• Mounting hardware provided: lock washer
and hex nut.
1 
your first call for illuminated components
www.vcclite.com
1.800.522.5546
03/17 Rev 1
Applications
PML50 Series
0.688” (17.5mm) Low Profile LED
FlexVoltTM Panel Mount Indicator
PML50 Series with built-in LED FlexVoltTM technology offers
daytime visibility, easy installation in harsh environments
PML50 Series with built-in LED FlexVoltTM technology offers
daytime visibility, easy installation in harsh environments
TM
WIDE
VIEWING
ANGLE
FLEX
VOLTAGE
HIGH
BRIGHTNESS
LED
Key Features
•
Industrial
•
Transportation
•
People Movers
•
Automation and Control
• Maritime,
Oil and Gas Industry
•
Safety and Emergency Applications
• Slot, Gaming and Vending Machines
•
Outdoor Applications
• Retrofit solution: save energy and reduce
costs.
• Please contact us for modified standard
options (e.g. quick connection, wire length).
• D mounting hole to prevent rotation.
• IP67 protection rating protect panels against
entry of dust and moisture.
• Clear transparent lenses and high brightness
LEDs produce daylight and outdoor visibility.
• Available in five solid colors (red, green,
white, blue and yellow) and one bicolor
(red/green).
• Resistant to shock and vibration.
• Wide viewing angle.
• Maximum installation torque: 15in/lb.
• Flex voltage (5 VDC to 28 VDC) designed for
application flexibility: one solution for several
required input voltages.
• RoHS and REACH Compliant.
LED
COLOR
OPTIONS
D-MOUNTING
HOLE
OPTION
DAYLIGHT
VISIBILITY
MOUNTING
HOLE
Ø 0.688”
• Designed for extreme harsh and outdoor
environments.
• Long lifetime, up to 100k hours
• For panel hole diameter: 0.688" (17.5mm)


Similar Part No. - PML50

ManufacturerPart #DatasheetDescription
logo
Rohm
PML50 ROHM-PML50 Datasheet
140Kb / 3P
Ultra-low Ohmic Resistors for Current Detection (Wide terminal type)
PML50HZPGV ROHM-PML50HZPGV Datasheet
969Kb / 8P
Ultra-low ohmic chip resistors for current detection
PML50HZPJV ROHM-PML50HZPJV Datasheet
969Kb / 8P
Ultra-low ohmic chip resistors for current detection
PML50HZPJV0L5 ROHM-PML50HZPJV0L5 Datasheet
140Kb / 3P
Ultra-low Ohmic Resistors for Current Detection (Wide terminal type)
PML50HZPJV1L0 ROHM-PML50HZPJV1L0 Datasheet
140Kb / 3P
Ultra-low Ohmic Resistors for Current Detection (Wide terminal type)
More results

Similar Description - PML50

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59010D1135B040 EPCOS-B59010D1135B040 Datasheet
68Kb / 3P
Liquid level detection in tanks (oil, gas, etc.) and home appliances
logo
List of Unclassifed Man...
RHFAC244D03V ETC2-RHFAC244D03V Datasheet
351Kb / 27P
DLA LAND AND MARITIME COLUMBUS, OHIO 43218-3990
logo
ETAL Group
2-6400 ETAL-2-6400 Datasheet
212Kb / 4P
Motors, transformers, solenoids, controls for oil and gas boilers
logo
TT Electronics.
DS1226 TTELEC-DS1226 Datasheet
335Kb / 2P
Oil and Water Flow Meter
logo
Figaro Engineering Inc.
TGS2612-D00 FIGARO-TGS2612-D00 Datasheet
244Kb / 2P
Methane and LP Gas
TGS6810-D00 FIGARO-TGS6810-D00 Datasheet
287Kb / 2P
Methane and LP Gas
logo
Schneider Electric
IAP10M SCHNEIDER-IAP10M Datasheet
108Kb / 1P
Modbus pressure transmitter for use in oil, gas, water & industrial applications
Apr 25, 2022
IDP10M SCHNEIDER-IDP10M Datasheet
113Kb / 1P
Modbus pressure transmitter for use in oil, gas, water & industrial applications
Apr 26, 2022
IGP10M SCHNEIDER-IGP10M Datasheet
107Kb / 1P
Modbus pressure transmitter for use in oil, gas, water & industrial applications
Apr 26, 2022
logo
Vaisala
MMT162 VAISALA-MMT162 Datasheet
230Kb / 2P
MMT162 Moisture and Temperature Transmitter for Oil
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com