Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4210-2CS6 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4210-2CS6
Description  Hot Swap Controller in 6-Lead SOT-23 Package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4210-2CS6 Datasheet(HTML) 3 Page - Linear Technology

  LTC4210-2CS6 Datasheet HTML 1Page - Linear Technology LTC4210-2CS6 Datasheet HTML 2Page - Linear Technology LTC4210-2CS6 Datasheet HTML 3Page - Linear Technology LTC4210-2CS6 Datasheet HTML 4Page - Linear Technology LTC4210-2CS6 Datasheet HTML 5Page - Linear Technology LTC4210-2CS6 Datasheet HTML 6Page - Linear Technology LTC4210-2CS6 Datasheet HTML 7Page - Linear Technology LTC4210-2CS6 Datasheet HTML 8Page - Linear Technology LTC4210-2CS6 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
LTC4210-1/LTC4210-2
421012f
–75
150
–25
–50
0
25
50
75 100 125
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
TEMPERATURE (
°C)
–75
150
–25
–50
0
25
50
75 100 125
2.65
2.60
2.55
2.50
2.45
2.40
2.35
2.30
2.25
TEMPERATURE (
°C)
–75
150
–25
–50
0
25
50
75 100 125
40
35
30
25
20
15
10
5
0
TEMPERATURE (
°C)
4210 G01
4210 G02
4210 G03
4210 G04
4210 G05
4210 G06
SUPPLY VOLTAGE (V)
0
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
16
4
2
6
10
14
18
8
12
20
TA = 25°C
SUPPLY VOLTAGE (V)
0
40
35
30
25
20
15
10
5
0
16
4
2
6
10
14
18
8
12
20
TA = 25°C
SUPPLY VOLTAGE (V)
0
–8.0
–8.5
–9.0
–9.5
–10.0
–10.5
–11.0
–11.5
–12.0
16
4
2
6
10
14
18
8
12
20
TA = 25°C
VCC = 15V
VCC RISING
VCC FALLING
VCC = 12V
VCC = 5V
VCC = 3V
VCC = 15V
VCC = 12V
VCC = 5V
VCC = 3V
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tOFF(TMRHIGH) Turn-Off Time (TIMER Rise to GATE Fall)
VTIMER = 0V to 2V Step, VCC = VON = 5V
1
µs
tOFF(ONLOW)
Turn-Off Time (ON Fall to GATE Fall)
VON = 5V to 0V Step, VCC = 5V
30
µs
tOFF(VCCLOW)
Turn-Off Time (VCC Fall to IC Reset)
VCC = 5V to 2V Step, VON = 5V
30
µs
The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are TA = 25°C. VCC = 5V, unless otherwise noted. (Note 2)
ELECTRICAL CHARACTERISTICS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: All currents into device pins are positive; all currents out of device
pins are negative. All voltages are referenced to ground unless otherwise
specified.
Note 3: An internal Zener on the GATE pin clamps the charge pump
voltage to a typical maximum voltage of 26V. External overdrive of the
GATE pin beyond the internal Zener voltage may damage the device.
Without a limiting resistor, the GATE capacitance must be <0.15
µF at
maximum VCC. If a lower GATE pin clamp voltage is desired, an external
Zener diode may be used.
TYPICAL PERFOR A CE CHARACTERISTICS
Supply Current vs Supply Voltage
Supply Current vs Temperature
Undervoltage Lockout Threshold
vs Temperature
VGATE vs Supply Voltage
VGATE vs Temperature
IGATEUP vs Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com