Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4210-2CS6 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4210-2CS6
Description  Hot Swap Controller in 6-Lead SOT-23 Package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4210-2CS6 Datasheet(HTML) 4 Page - Linear Technology

  LTC4210-2CS6 Datasheet HTML 1Page - Linear Technology LTC4210-2CS6 Datasheet HTML 2Page - Linear Technology LTC4210-2CS6 Datasheet HTML 3Page - Linear Technology LTC4210-2CS6 Datasheet HTML 4Page - Linear Technology LTC4210-2CS6 Datasheet HTML 5Page - Linear Technology LTC4210-2CS6 Datasheet HTML 6Page - Linear Technology LTC4210-2CS6 Datasheet HTML 7Page - Linear Technology LTC4210-2CS6 Datasheet HTML 8Page - Linear Technology LTC4210-2CS6 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
LTC4210-1/LTC4210-2
421012f
–75
150
–25
–50
0
25
50
75 100 125
TEMPERATURE (
°C)
–75
150
–25
–50
0
25
50
75 100 125
TEMPERATURE (
°C)
–75
150
–25
–50
0
25
50
75 100 125
TEMPERATURE (
°C)
–75
150
–25
–50
0
25
50
75 100 125
TEMPERATURE (
°C)
–75
150
–25
–50
0
25
50
75 100 125
TEMPERATURE (
°C)
4210 G07
4210 G08
4210 G09
4210 G10
4210 G11
4210 G12
4210 G13
4210 G14
4210 G15
SUPPLY VOLTAGE (V)
0
18
16
14
12
10
8
6
4
2
18
16
14
12
10
8
6
4
2
–20
–30
–40
–50
–60
–70
–80
–90
–100
16
4
2
6
10
14
18
8
12
20
TA = 25°C
0
–1
–2
–3
–4
–5
–6
–7
–8
–9
–10
VCC = 15V
VCC = 15V
VCC = 12V
VCC = 5V
VCC = 3V
VCC = 3V
VCC = 5V
VCC = 12V
SUPPLY VOLTAGE (V)
0
0
–1
–2
–3
–4
–5
–6
–7
–8
–9
–10
16
4
2
6
10
14
18
8
12
20
TA = 25°C
SUPPLY VOLTAGE (V)
0
3.0
2.8
2.6
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
16
4
2
6
10
14
18
8
12
20
TA = 25°C
SUPPLY VOLTAGE (V)
0
–20
–30
–40
–50
–60
–70
–80
–90
–100
16
4
2
6
10
14
18
8
12
20
TA = 25°C
3.0
2.8
2.6
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
VCC = 5V
VCC = 5V
VCC = 5V
–8.0
–8.5
–9.0
–9.5
–10.0
–10.5
–11.0
–11.5
–12.0
TYPICAL PERFOR A CE CHARACTERISTICS
ITIMERUP (In Initial Cycle)
vs Supply Voltage
ITIMERUP (During Circuit Breaker
Delay) vs Supply Voltage
ITIMERUP (During Circuit Breaker
Delay) vs Temperature
ITIMERDN (In Cool-Off Cycle)
vs Supply Voltage
ITIMERUP (In Initial Cycle)
vs Temperature
ITIMERDN (In Cool-Off Cycle)
vs Temperature
IGATEUP vs Temperature
∆VGATE vs Supply Voltage
∆VGATE vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com