Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCAS-0440-12M Datasheet(PDF) 3 Page - Advanced Semiconductor

Part # SCAS-0440-12M
Description  All Gold Bonding Scheme
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

SCAS-0440-12M Datasheet(HTML) 3 Page - Advanced Semiconductor

  SCAS-0440-12M Datasheet HTML 1Page - Advanced Semiconductor SCAS-0440-12M Datasheet HTML 2Page - Advanced Semiconductor SCAS-0440-12M Datasheet HTML 3Page - Advanced Semiconductor SCAS-0440-12M Datasheet HTML 4Page - Advanced Semiconductor SCAS-0440-12M Datasheet HTML 5Page - Advanced Semiconductor SCAS-0440-12M Datasheet HTML 6Page - Advanced Semiconductor SCAS-0440-12M Datasheet HTML 7Page - Advanced Semiconductor SCAS-0440-12M Datasheet HTML 8Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
HVVi Semiconductors, Inc.
ISO 9001:2000 Certified
EG-01-PO22X1
10235 S. 51
st St. Suite 100
Tel: (866) 429-HVVi (4884) or visit www.hvvi.com
1/5/10
Phoenix, Az. 85044
© 2010 HVVi Semiconductors, Inc. All Rights Reserved.
3
HVV1214-140 (Preliminary Datasheet)
L-Band Pulsed Power Transistor
1200-1400 MHz, 200µs Pulse, 10% Duty Cycle
For Ground Based Radar Applications
Typical device performance under Class AB mode of operation and RF pulse conditions of 200µs pulse width
and 10% duty cycle with VDD = 50V and IDQ = 100mA. The device was measured at 1400MHz.
!!!!!!!!!!!!
Typical device performance under Class AB mode of operation and RF pulse conditions of 200µs pulse width and
10% duty cycle with VDD = 50V and IDQ = 100mA. The device was measured at 1400MHz.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com