Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCAS-0440-12M Datasheet(PDF) 7 Page - Advanced Semiconductor

Part # SCAS-0440-12M
Description  All Gold Bonding Scheme
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

SCAS-0440-12M Datasheet(HTML) 7 Page - Advanced Semiconductor

  SCAS-0440-12M Datasheet HTML 1Page - Advanced Semiconductor SCAS-0440-12M Datasheet HTML 2Page - Advanced Semiconductor SCAS-0440-12M Datasheet HTML 3Page - Advanced Semiconductor SCAS-0440-12M Datasheet HTML 4Page - Advanced Semiconductor SCAS-0440-12M Datasheet HTML 5Page - Advanced Semiconductor SCAS-0440-12M Datasheet HTML 6Page - Advanced Semiconductor SCAS-0440-12M Datasheet HTML 7Page - Advanced Semiconductor SCAS-0440-12M Datasheet HTML 8Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Part
Description
Part Number
Manufacturer
C1, C2:
100 pF ATC 100B Chip Capacitor
100B101JP500X
ATC
C3:
2.4 pF ATC 100B Chip Capacitor
100B2R4JP500X
ATC
C4:
1.2 Pf ATC 100B Chip Capacitor
100B1R2JP500X
ATC
C5:
3.9 pF ATC 100B Chip Capacitor
100B3R9JP500X
ATC
C6:
2.4 pF ATC 100B Chip Capacitor
100B2R4JP500X
ATC
C7:
15 pF ATC 100B Chip Capacitor
100B150JP500X
ATC
C8,C9:
47 pf ATC 100B Chip Capacitor
100B470JP500X
ATC
C10,C12:
1K pF 100V Chip Capacitor (X7R 1206)
C1206C102K1RACTU
Kemet
C11,C13:
10K pF 100V Chip Capacitor (X7R 1206)
C1206C103K1RACTU
Kemet
C14:
10 uF 63V Elect FK SMD
PCE3479CT-ND
DIGI-KEY
C15, C16:
100 uF 63V Elect FK SMD
PCE3483CT-ND
DIGI-KEY
R1:
10 Ohms Chip Resistor (1206)
ERJ8GEYJ100V
Panasonic
R2:
1 K Ohms Chip Resistor (1206)
ERJ8GEYJ102V
Panasonic
RF Connectors
Type "N" RF connectors
5919CC-TB-7
Coaxicom
DC Drain Conn
Connector Jack Banana Nylon Red
J151-ND
DIGI-KEY
DC Ground Conn.
Connector Jack Banana Nylon Black
J152-ND
DIGI-KEY
DC Gate Conn.
Connector Jack Banana Nylon Green
J153-ND
DIGI-KEY
PCB Board
PCB: Arlon, 30 mils thick, 2.55 Dielectric, 2 oz Copper
DS Electronics
Device Clamp
Cool Innovation Nylon Clamp Foot
FXT000158
Cool Innovation
Heat Sink
Cool Innovations Aluminum Heat Sink
3-252510RS3394
Cool Innovation
S.S. Screws (4)
4-40 X 1/4 Stainless Steel Socket Hex Head
P242393
Copper State Bolt
Alloy Screws (4)
4-40 X 1/2 Alloy Socket Cap screw Hex Head
SCAS-0440-08C
Small Parts Inc
Metal Washer (6)
#4 Washer Zinc PLTD Steel Lock
ZSLW-004-M
Small Parts Inc
Alloy Screws (2)
4-40 X 3/4 Alloy Socket Cap Screw Head
SCAS-0440-12M
Small Parts Inc
Demonstration Board Outline
Example of a Demonstration Circuit
HVV11214-100 Demonstration Circuit Board Bill of Materials
HVV1214-140 (Preliminary Datasheet)
L-Band Pulsed Power Transistor
1200-1400 MHz, 200µs Pulse, 10% Duty Cycle
For Ground Based Radar Applications



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com