Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D70 Datasheet(PDF) 2 Page - Frequency Devices, Inc.

Part # D70
Description  100 Hz to 50 kHz Fixed Frequency
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

D70 Datasheet(HTML) 2 Page - Frequency Devices, Inc.

  D70 Datasheet HTML 1Page - Frequency Devices, Inc. D70 Datasheet HTML 2Page - Frequency Devices, Inc. D70 Datasheet HTML 3Page - Frequency Devices, Inc. D70 Datasheet HTML 4Page - Frequency Devices, Inc. D70 Datasheet HTML 5Page - Frequency Devices, Inc. D70 Datasheet HTML 6Page - Frequency Devices, Inc. D70 Datasheet HTML 7Page - Frequency Devices, Inc. D70 Datasheet HTML 8Page - Frequency Devices, Inc. D70 Datasheet HTML 9Page - Frequency Devices, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Fixed Frequency
D70 Series
8-, 6-, 4-Pole
Low-Pass Filters
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
2
1. Phase Match and Amplitude Accuracy are within ±2% max., ±1% typ. of the theoretical transfer characteristics.
Model
D70L8B
D70L6B
D70L4B
Product Specifications
Transfer Function
8-Pole, Butterworth
6-Pole, Butterworth
4-Pole, Butterworth,
Size
0.84” x 0.65” x 0.31”
0.84” x 0.65” x 0.31”
0.65” x 0.51” x 0.31”
Range fc
100 Hz to 50 kHz
100 Hz to 50 kHz
100 Hz to 50 kHz
Theoretical Transfer
Appendix A
Appendix A
Appendix A
Characteristics
Page 9
Page 8
Page 7
Passband Ripple
0.0 dB
0.0 dB
0.0 dB
(theoretical)
DC Voltage Gain
0 ± 0.02 dB typ.
0 ± 0.02 dB typ.
0 ± 0.02 dB typ.
(non-inverting)
Stopband
Attenuation Rate
48 dB/octave
36 dB/octave
24 dB/octave
Cutoff Frequency
fc
± 2% max.
fc
± 2% max.
fc
± 2% max.
Stability
± 0.02% /°C
± 0.02% /°C
± 0.02% /°C
Amplitude
-3 dB
-3 dB
-3 dB
Phase
-360°
-270°
-180°
Filter Attenuation
0.12 dB
0.80 fc
0.29 dB
0.80 fc
0.67 dB
0.80 fc
(theoretical)
3.01 dB
1.00 fc
3.01 dB
1.00 fc
3.01 dB
1.00 fc
60.0 dB
2.37 fc
60.0 dB
3.16 fc
60.0 dB
5.62 fc
80.0 dB
3.16 fc
80.0 dB
4.64 fc
80.0 dB
10.0 fc
Phase Match1
Amplitude Accuracy1
(theoretical)
Total Harmonic
Distortion @ 1 kHz
< -90 dB
< -90 dB
< -90 dB
Wide Band Noise
200
mVrms typ.
200
mVrms typ.
200
mVrms typ.
(20 Hz - 4 MHz)
Narrow Band Noise
50
mVrms typ.
50
mVrms typ.
50
mVrms typ.
(5 Hz - 50 kHz)
Filter Mounting
Assembly
FMA-01A
FMA-01A
FMA-01A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com