Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D70 Datasheet(PDF) 5 Page - Frequency Devices, Inc.

Part # D70
Description  100 Hz to 50 kHz Fixed Frequency
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

D70 Datasheet(HTML) 5 Page - Frequency Devices, Inc.

  D70 Datasheet HTML 1Page - Frequency Devices, Inc. D70 Datasheet HTML 2Page - Frequency Devices, Inc. D70 Datasheet HTML 3Page - Frequency Devices, Inc. D70 Datasheet HTML 4Page - Frequency Devices, Inc. D70 Datasheet HTML 5Page - Frequency Devices, Inc. D70 Datasheet HTML 6Page - Frequency Devices, Inc. D70 Datasheet HTML 7Page - Frequency Devices, Inc. D70 Datasheet HTML 8Page - Frequency Devices, Inc. D70 Datasheet HTML 9Page - Frequency Devices, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Specification
(25°C and Vs ± 15 Vdc)
D70 Series
Pin-Out and Package Data
Ordering Information
We hope the information given here will be helpful. The information is based on data and our best knowledge, and we consider the information to be true and accurate. Please read all statements,
recommendations or suggestions herein in conjunction with our conditions of sale which apply to all goods supplied by us. We assume no responsibility for the use of these statements,
recommendations or suggestions, nor do we intend them as a recommendation for any use which would infringe any patent or copyright.
IN-00D70-01
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
Analog Input Characteristics1
Impedance
10 k
W min.
Voltage Range
± 10 Vpeak
Max. Safe Voltage
± Vs
Analog Output Characteristics
Impedance
1
W
Linear Operating Range
± 10 V
Maximum Current2
± 10 mA
Offset Voltage3
± 10 mV
Offset Temp. Coeff.
50
mV /°C
Power Supply (±Vs)
Rated Voltage
± 15 Vdc
Operating Range
± 5 to ± 18 Vdc
Maximum Safe Voltage
± 18 Vdc
Quiescent Current (max.)
8 Pole
± 18 mA
6 Pole
± 15 mA
4 Pole
± 10 mA
Temperature
Operating
0 to + 70°C
Storage
- 25 to + 85°C
Notes:
1. Input and output signal voltage referenced to supply
common.
2. Output is short circuit protected to common.
DO NOT CONNECT TO ±VS.
3. Adjustable to zero.
4.
How to specify Corner Frequencies:
Corner frequencies are specified by attaching a three digit frequency designa-
tor to the basic model number. Corner frequencies can range from 100 Hz to
50.0 kHz.
Optional Offset Adjustment
5
Filter Type
L - Low Pass
H - High Pass
D70L8B-849 Hz
Transfer Function
B - Butterworth
L - Bessel
Ordering Information
No. of Poles
8
6
4
-3 dB Corner Frequency
4
e.g., 849 Hz
2.50 kHz
33.3 kHz
Recommend PC board hole 0.025”
Filter Mounting Assembly-See FMA-01A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com