Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8775AS Datasheet(PDF) 5 Page - Exar Corporation

Part # MP8775AS
Description  CMOS 20 MSPS, 8-Bit, High Speed Analog-to-Digital Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP8775AS Datasheet(HTML) 5 Page - Exar Corporation

  MP8775AS Datasheet HTML 1Page - Exar Corporation MP8775AS Datasheet HTML 2Page - Exar Corporation MP8775AS Datasheet HTML 3Page - Exar Corporation MP8775AS Datasheet HTML 4Page - Exar Corporation MP8775AS Datasheet HTML 5Page - Exar Corporation MP8775AS Datasheet HTML 6Page - Exar Corporation MP8775AS Datasheet HTML 7Page - Exar Corporation MP8775AS Datasheet HTML 8Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MP8775
5
Rev. 3.01
N + 1
N
N--1
Output
Codes
Analog
Input
Code Width (N) = V(N+1) -- V(N)
LSB = [ VRT -- VRB ] / 256
DNL(N) = [ V(N+1) -- V(N) ] -- LSB
Figure 2. DNL Measurement
LSB
DNL
7
6
5
4
3
2
1
Output
Codes
Analog Input (Volt)
Figure 3. INL Error Calculation
Best Fit Line
EFS
EZS
LSB
Ideal Transfer Line
Real Transfer Line
INL
V(N+1)
V(N)
Figure 4. Equivalent Input Circuit
VRT + VRB
2
CLK
CLK
CLK
5pF
1.5pF
CLK
CLK
CLK
5pF
1.5pF
VIN [N--2]
AVDD
VIN
6 pF
Figure 5. Typical Circuit Connections
50
W
Analog
Input
0.1
mF
0.1
mF
0.1
mF
+5 V
Clock
VIN
VDD
VRTS
VRT
VRB
VRBS
GND
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
CLK
MP8775
10
mF
Digital
Outputs
AGND
APPLICATION NOTES
Signals should not exceed AVDD +0.5V or go below AGND
--0.5V or DVDD +0.5 V or DGND --0.5 V. All pins have internal
protection diodes that will protect them from short transients
(<100ms) outside the supply range.
AGND and DGND pins are connected internally through the
P-- substrate. DC voltage differences between these pins will
cause undesirable internal substrate currents.
The power supply (AVDD) and reference voltage (VRT & VRB)
pins should be decoupled with 0.1mF and 10mF capacitors to
AGND, placed as close to the chip as possible.
The digital outputs should not drive long wires or buses. The
capacitive coupling and reflections will contribute noise to the
conversion.
It is possible for the data valid delay (tDL) to be equal to or
greater than the high pulse width of the sampling clock (tPWH),
See
Figure 1. This can cause timing related errors. For sample
rates above 14 MSPS use only the rising edge of the sample
clock (CLK) to latch data from the MP8775 to other parts of the
system.
The reference can be biased internally by shorting VRT to
VRTS and VRB to VRBS. This will generate 0.6 V at VRB and 2.6 V
at VRT (see Figure 5.).
If the internal reference pins VRTS and/or VRBS are not used
they should be left unconnected.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com