Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8775AS Datasheet (PDF) - Exar Corporation

MP8775AS Datasheet PDF - Exar Corporation
Part # MP8775AS
Download  MP8775AS Download
File Size   511.02 Kbytes
Page   8 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description CMOS 20 MSPS, 8-Bit, High Speed Analog-to-Digital Converter

MP8775AS Datasheet (PDF)

Go To PDF Page Download Datasheet
MP8775AS Datasheet PDF - Exar Corporation

Part # MP8775AS
Download  MP8775AS Click to download

File Size   511.02 Kbytes
Page   8 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description CMOS 20 MSPS, 8-Bit, High Speed Analog-to-Digital Converter

MP8775AS Datasheet (HTML) - Exar Corporation


MP8775AS Product details

GENERAL DESCRIPTION
The MP8775 is an 8-bit Analog-to-Digital Converter in a small 20 pin SOIC package. Designed using an advanced 5 V CMOS process, this part offers excellent performance, low power consumption and latch-up free operation.

FEATURES
• 8-Bit Resolution
• 20 MHz Sampling Rate
• DNL = +1/2 LSB, INL = +1 LSB (typ)
• Internal S/H Function
• Single Supply: 5 V
• VIN DC Range: 0 V to VDD
• VREF DC Range: 1 V to VDD
• Low Power: 85 mW typ. (excluding reference)
• Latch-Up Free
• ESD Protection: 2000 V Minimum
• Power Down Available: MP8776
• 3 V Version: MP87L75
• Small 20 Pin SOIC Package

APPLICATIONS
• Digital Color Copiers
• Cellular Telephones
• CCD’s Based Systems
• Hardware Scanners
• Video Capture Boards




Similar Part No. - MP8775AS

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8770 MPS-MP8770 Datasheet
1Mb / 23P
17V, 8A, 700kHz, High-Efficiency, Synchronous, Step-Down
MP8770GQ MPS-MP8770GQ Datasheet
1Mb / 23P
17V, 8A, 700kHz, High-Efficiency, Synchronous, Step-Down
MP8771 MPS-MP8771 Datasheet
1Mb / 23P
17V, 10A, 700kHz, High-Efficiency, Synchronous, Step-Down Converter
MP8771 MPS-MP8771 Datasheet
811Kb / 24P
18V, 10A, 700kHz, High-Efficiency, Synchronous, Step-Down Converter
2/24/2020 Rev. 1.11
MP8771GQ MPS-MP8771GQ Datasheet
1Mb / 23P
17V, 10A, 700kHz, High-Efficiency, Synchronous, Step-Down Converter
More results


Similar Description - MP8775AS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8718 PHILIPS-TDA8718 Datasheet
110Kb / 16P
8-bit high-speed analog-to-digital converter
June 1994
TDF8704 PHILIPS-TDF8704 Datasheet
137Kb / 20P
8-bit high-speed analog-to-digital converter
June 1994
logo
Exar Corporation
MP7684A EXAR-MP7684A Datasheet
1Mb / 14P
CMOS 8 BIT HIGH SPEED ANALOG TO DIGITAL CONVERTER
XRD6414 EXAR-XRD6414 Datasheet
204Kb / 16P
CMOS 10-Bit, 20 MSPS, High Speed Analog-to-Digital Converter with 4:1 Input Analog Multiplexer
MP8784 EXAR-MP8784 Datasheet
628Kb / 9P
CMOS 5 MSPS 10BIT HIGH SPEED ANALOG TO DIGITAL CONVERTER
MP7683 EXAR-MP7683 Datasheet
645Kb / 10P
CMOS 8 BIT HIGH SPEED ANALOG TO DIGITAL CONVERTER
XRD8775 EXAR-XRD8775 Datasheet
1Mb / 15P
CMOS 8-Bit High Speed Analog-to-Digital Converter
XRD8785 EXAR-XRD8785 Datasheet
1Mb / 15P
CMOS 8-Bit High Speed Analog-to-Digital Converter
logo
NXP Semiconductors
TDA8715 PHILIPS-TDA8715 Datasheet
430Kb / 15P
8 - BIT HIGH SPEED ANALOG - TO - DIGITAL CONVERTER
November 1990
logo
Exar Corporation
XRD6406 EXAR-XRD6406 Datasheet
363Kb / 12P
CMOS 6 MSPS, 10-Bit, High Speed Analog-to-Digital Converter
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com