Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54LS502 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54LS502
Description  8 - BIT SUCCESSIVE APPROXIMATION REGISTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54LS502 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  54LS502 Datasheet HTML 1Page - National Semiconductor (TI) 54LS502 Datasheet HTML 2Page - National Semiconductor (TI) 54LS502 Datasheet HTML 3Page - National Semiconductor (TI) 54LS502 Datasheet HTML 4Page - National Semiconductor (TI) 54LS502 Datasheet HTML 5Page - National Semiconductor (TI) 54LS502 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MNDM54LS502-X REV 1A0
MICROCIRCUIT DATA SHEET
Electrical Characteristics
DC PARAMETER
(The following conditions apply to all the following parameters, unless otherwise specified.)
DC:
VCC 4.5V to 5.5V, Temp range: -55C to 125C
SYMBOL
PARAMETER
CONDITIONS
NOTES
PIN-
NAME
MIN
MAX
UNIT
SUB-
GROUPS
IIH
Input High
Current
VCC=5.5V, VM=2.7V, VINH=4.5V
1, 3 INPUTS
20.0
uA
1, 2,
3
IBVI
Input High
Current Breakdown
Test
VCC=5.5V, VM=10.0V, VINH=4.5V
1, 3 INPUTS
0.1
mA
1, 2,
3
IIL
Input LOW Current
VCC=5.5V, VM=0.4V, VINH=4.5V
1, 3 INPUTS
-0.06
-1.2
mA
1, 2,
3
VOL
Output LOW
Voltage
VCC=4.5V, IOL=4.0mA, VINH=4.5V
1, 3 OUTPUTS
0.4
V
1, 2,
3
VOH
High Level Output
Voltage
VCC=4.5V, VIH=2.0V, IOH=-0.4mA,
VINH=4.5V, VIL=0.7V
1, 3 OUTPUTS 2.5
V
1, 2,
3
IOS
Short Circuit
Output Current
VCC=5.5V, VINH=4.5V, VOUT=0.0V,
VINL=0.0V
1, 3 OUTPUT
-20.0
-100
mA
1, 2,
3
VCD
Input Clamp Diode
Voltage
VCC=4.5V, IM=-18mA, VINH=4.5V
1, 3 INPUTS
-1.5
V
1, 2,
3
ICC
Supply Current
VCC=5.5V, VINL=0.0V
1, 3 VCC
65.0
mA
1, 2,
3
AC PARAMETER - 15pF
(The following conditions apply to all the following parameters, unless otherwise specified.)
AC:
CL=15pF
Temp range: +25C
tpLH
Propagation Delay
VCC=5.0V
5
CP to
Qn or
CC
35.0
ns
9
tpHL
Propagation Delay
VCC=5.0V
5
CP to
Qn or
CC
25.0
ns
9
ts (H/L)
Setup Time
VCC=5.0V
5
S to CP 5.0
ns
9
th (H/L)
Hold Time
VCC=5.0V
5
S to CP 5.0
ns
9
ts (H/L) 2
Setup Time
VCC=5.0V
5
D to CP 5.0
ns
9
th (H/L) 2
Hold Time
VCC=5.0V
5
D to CP 5.0
ns
9
tw (H/L)
Pulse Width
VCC=5.0V
5
CP
20.0
ns
9
fMAX
Maximum Clock
Frequency
VCC=5.0V
5
CP
25.0
MHZ
9
4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com